Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1399 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1399
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1399 Datasheet HTML 3Page - Linear Technology LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1398/LT1399/LT1399HV
sn13989 13989fas
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Voltage Noise and Current
Noise vs Frequency
FREQUENCY (Hz)
10
10
100
1000
30
100 300
1k
3k
10k 30k 100k
1398/1399 G10
1
–IN
+IN
EN
FREQUENCY (Hz)
10k
0.01
1
100
1M
10M
100k
100M
1398/1399 G11
0.1
10
RF = RG = 324Ω
RL = 50Ω
AV = +2
VS = ± 5V
FREQUENCY (Hz)
100k
100
1k
10k
100k
1M
10M
100M
1398/1399 G12
RF = 365Ω
AV = +1
VS = ± 5V
Output Impedance vs Frequency
Output Impedance (Disabled)
vs Frequency
Maximum Capacitive Load
vs Feedback Resistor
Capacitive Load
vs Output Series Resistor
Supply Current vs Supply Voltage
FEEDBACK RESISTANCE (
Ω)
300
1
10
100
1000
900
1500
2100
2700
3300
1398/1399 G13
RF = RG
AV = +2
VS = ± 5V
PEAKING
≤ 5dB
CAPACITIVE LOAD (pF)
10
0
10
20
40
100
1000
1398/1399 G14
30
RF = RG = 324Ω
VS = ± 5V
OVERSHOOT < 2%
SUPPLY VOLTAGE (
±V)
0
0
1
3
4
5
2
4
59
1398/1399 G15
2
13
6
7
8
6
EN = V –
EN = 0V
Output Voltage Swing
vs Temperature
Enable Pin Current
vs Temperature
Positive Supply Current per
Amplifier vs Temperature
AMBIENT TEMPERATURE (
°C)
–50
–5
–4
–2
–1
0
5
2
0
50
75
1398/1399 G16
–3
3
4
1
–25
25
100
125
RL = 150Ω
RL = 100k
RL = 150Ω
RL = 100k
AMBIENT TEMPERATURE (
°C)
–50
–40
–30
–10
25
75
1398/1399 G17
–50
–60
–25
0
50
100
125
–70
–80
–20
VS = ± 5V
EN = 0V
EN = –5V
AMBIENT TEMPERATURE (
°C)
–50
4.75
25
1398/1399 G18
4.00
3.50
–25
0
50
3.25
3.00
5.00
4.50
4.25
3.75
75
100
125
EN = – 5V
EN = 0
VS = ± 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com