Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1492 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1492
Description  5MHz, 3V/s, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1492 Datasheet(HTML) 2 Page - Linear Technology

  LT1492_15 Datasheet HTML 1Page - Linear Technology LT1492_15 Datasheet HTML 2Page - Linear Technology LT1492_15 Datasheet HTML 3Page - Linear Technology LT1492_15 Datasheet HTML 4Page - Linear Technology LT1492_15 Datasheet HTML 5Page - Linear Technology LT1492_15 Datasheet HTML 6Page - Linear Technology LT1492_15 Datasheet HTML 7Page - Linear Technology LT1492_15 Datasheet HTML 8Page - Linear Technology LT1492_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1492/LT1493
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V + to V –) .............................. 36V
Input Current ......................................................
±15mA
Output Short-Circuit Duration (Note 1) ......... Continuous
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range (Note 2) .....–40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
S8 PART MARKING
1492
LT1492CN8
LT1492CS8
LT1493CS
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
NC
C
A
D
B
TJMAX = 150°C, θJA = 150°C/ W
Consult factory for Industrial and Military grade parts.
VS = 5V, 0V; VCM = 0.5V, VOUT = 0.5V, TA = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
100
180
µV
∆VOS
Long-Term Input Offset Voltage Stability
0.6
µV/Mo
∆Time
IOS
Input Offset Current
520
nA
IB
Input Bias Current
50
100
nA
Input Noise Voltage
0.1Hz to 10Hz
330
nVP-P
en
Input Noise Voltage Density
fO = 10Hz
17.3
nV/
√Hz
fO = 1000Hz
16.5
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz
0.78
pA/
√Hz
fO = 1000Hz
0.14
pA/
√Hz
Input Resistance (Note 3)
Differential Mode
10
40
M
Ω
Common Mode
800
M
Ω
Input Capacitance
f = 1MHz
10
pF
Input Voltage Range
3.4
3.60
V
0
–0.25
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
86
102
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
90
110
dB
5V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com