Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16724 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16724_15 Datasheet HTML 5Page - Renesas Technology Corp PD16724_15 Datasheet HTML 6Page - Renesas Technology Corp PD16724_15 Datasheet HTML 7Page - Renesas Technology Corp PD16724_15 Datasheet HTML 8Page - Renesas Technology Corp PD16724_15 Datasheet HTML 9Page - Renesas Technology Corp PD16724_15 Datasheet HTML 10Page - Renesas Technology Corp PD16724_15 Datasheet HTML 11Page - Renesas Technology Corp PD16724_15 Datasheet HTML 12Page - Renesas Technology Corp PD16724_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet S16086EJ1V0DS
7
µµµµPD16724
4. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
The
µPD16724 incorporates a 8-bit D/A converter which can output respectively gray scale voltages of differing
polarity with respect to the LCD’s counter electrode voltage as shown in Figure 4
−1. The D/A converter consists of
ladder resistors and switches.
The ladder resistors (r0 to r253) are designed so that the ratio of LCD panel (
γ -compensated voltages to V0’-V255’ and
V0”-V255” is almost equivalent. For the 2 sets of nine
γ -compensated power supplies, V0-V8 and V9-V17, respectively,
input gray scale voltages of the same polarity with respect to the 0.5 VDD2.
Figure 4
−1 shows the relationship between the driving voltages such as liquid-crystal driving voltages VDD2, VSS2 and
0.5 VDD2, and
γ -corrected voltages V0-V17 and the input data. Be sure to maintain the voltage relationships below.
VDD2
− 0.2 V ≥ V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > V8 ≥ 0.5 VDD2 + 0.5 V
0.5 VDD2
− 0.5 V ≥ V9 > V10 > V11 > V12 > V13 > V14 > V15 > V16 > V17 ≥ 0.5 VSS2 + 0.2 V
or
VDD2
− 0.2 V ≥ V8 > V7 > V6 > V5 > V4 > V3 > V2 > V1 > V0 ≥ 0.5 VDD2 + 0.5 V
0.5 VDD2
− 0.5 V ≥ V17 > V16 > V15 > V14 > V13 > V12 > V11 > V10 > V9 ≥ 0.5 VSS2 + 0.2 V
Also, V7-V8, V8-V9 and V9-V10 are left open in the IC. Be sure to input the gray scale level power supply at a
constant level to the all pins.
Figures 4
−2 and 4−3 show the relation ship between the input data and the output voltage and the resistance values
of the resistor strings.
Figure 4
−−−−1. Relationship between Input Data and γγγγ -corrected Power Supplies
VDD2
V0
V1
V2
V3
V4
V5
V6
V7
0.5 VDD2
V8
V9
V10
V11
V12
V13
V14
V15
VSS2
00 01
20
40
80
C0
F0
FF
Input Data (HEX)
0.2 V
0.2 V
0.5 V
0.5 V
FE
V17
V16
15
48
64
64
32
31
15
48
64
64
32
31
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com