Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1881 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1881
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881 Datasheet(HTML) 2 Page - Linear Technology

  LT1881_15 Datasheet HTML 1Page - Linear Technology LT1881_15 Datasheet HTML 2Page - Linear Technology LT1881_15 Datasheet HTML 3Page - Linear Technology LT1881_15 Datasheet HTML 4Page - Linear Technology LT1881_15 Datasheet HTML 5Page - Linear Technology LT1881_15 Datasheet HTML 6Page - Linear Technology LT1881_15 Datasheet HTML 7Page - Linear Technology LT1881_15 Datasheet HTML 8Page - Linear Technology LT1881_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1881/LT1882
2
18812fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V –).........................................40V
Differential Input Voltage (Note 2)...........................±10V
Input Voltage..................................................... V+ to V –
Input Current (Note 2)..........................................±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4)
LT1881C/LT1882C................................–40°C to 85°C
LT1881I/LT1882I ..................................–40°C to 85°C
LT1882H ............................................–40°C to 125°C
LT1882MP..........................................–55°C to 125°C
Specified Temperature Range (Note 5)
LT1881C/LT1882C................................–40°C to 85°C
LT1881I/LT1882I ..................................–40°C to 85°C
LT1882H ............................................–40°C to 125°C
LT1882MP..........................................–55°C to 125°C
Maximum Junction Temperature........................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
B
A
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
D
A
C
B
TJMAX = 150°C, θJA = 160°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1881CN8#PBF
LT1881CN8#TRPBF
LT1881CN8
8-Lead PDIP
0°C to 70°C
LT1881IN8#PBF
LT1881IN8#TRPBF
LT1881IN8
8-Lead PDIP
–40°C to 85°C
LT1881CS8#PBF
LT1881CS8#TRPBF
1881
8-Lead Plastic SO
0°C to 70°C
LT1881IS8#PBF
LT1881IS8#TRPBF
1881I
8-Lead Plastic SO
–40°C to 85°C
LT1881ACN8#PBF
LT1881ACN8#TRPBF
LT1881ACN8
8-Lead PDIP
0°C to 70°C
LT1881AIN8#PBF
LT1881AIN8#TRPBF
LT1881AIN8
8-Lead PDIP
–40°C to 85°C
LT1881ACS8#PBF
LT1881ACS8#TRPBF
1881A
8-Lead Plastic SO
0°C to 70°C
LT1881AIS8#PBF
LT1881AIS8#TRPBF
1881AI
8-Lead Plastic SO
–40°C to 85°C
LT1882CS#PBF
LT1882CS#TRPBF
LT1882CS
14-Lead Plastic SO
0°C to 70°C
LT1882IS#PBF
LT1882IS#TRPBF
LT1882IS
14-Lead Plastic SO
–40°C to 85°C
LT1882HS#PBF
LT1882HS#TRPBF
LT1882HS
14-Lead Plastic SO
–40°C to 125°C
LT1882MPS#PBF
LT1882MPS#TRPBF
LT1882MPS
14-Lead Plastic SO
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com