Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAU2D Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # SMAU2D
Description  ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAU2D Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  SMAU2D Datasheet HTML 1Page - KEC(Korea Electronics) SMAU2D Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 3. 7
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMAU2D
ULTRA FAST RECOVERY RECTIFIER DIODE
Revision No : 3
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
Ultra-Fast Recovery Time for High Efficiency.
Low Profile Surface Mount Package.
Low Forward Voltage Drop, High current Capability, and
Low Power Loss.
APPLICATION
Switching Power Supply.
DC/DC Converter.
Home Appliances, Office Equipment.
Telecommunication, Factory Automation.
MAXIMUM RATING (Ta=25 )
SMA
DIM MILLIMETERS
A
B
C
D
E
F
G
4.5 0.2
2.6 0.2
1.5 0.2
5.0 0.3
1.2 0.3
2.0 0.2
0 ~ 0.15
H
R 0.5
B
C
H
1
2
G
+_
+_
+_
+_
+_
+_
1. ANODE
2. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
U 2 D
Lot No.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=2.0A
-
-
0.98
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
10
A
Reverse Recovery Time
trr
IF=100mA, IR=200mA
-
-
50
ns
Thermal Resistance
Rth(j-1)
Junction to lead
-
-
23
/W
Rth(j-a)
Junction to ambient
(on alumina substrate)
-
-
108
/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
V
Average Output Rectitifed Current
IO
2
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
55
A
Junction Temperature
Tj
-40 150
Storage Temperature Range
Tstg
-40 150


Similar Part No. - SMAU2D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMAU2G KEC-SMAU2G Datasheet
382Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU2J KEC-SMAU2J Datasheet
62Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
More results

Similar Description - SMAU2D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMAU1D KEC-SMAU1D Datasheet
382Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU1G KEC-SMAU1G Datasheet
382Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU1J KEC-SMAU1J Datasheet
62Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU2G KEC-SMAU2G Datasheet
382Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
SMAU2J KEC-SMAU2J Datasheet
62Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY)
U10A2CIC KEC-U10A2CIC Datasheet
69Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U10A4CIC KEC-U10A4CIC Datasheet
69Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U5A2CIC KEC-U5A2CIC Datasheet
69Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U5A4CI KEC-U5A4CI Datasheet
69Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
U5A4CIC KEC-U5A4CIC Datasheet
69Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com