Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3471 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology LT3471 Datasheet HTML 12Page - Linear Technology LT3471 Datasheet HTML 13Page - Linear Technology LT3471 Datasheet HTML 14Page - Linear Technology LT3471 Datasheet HTML 15Page - Linear Technology LT3471 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3471
13
3471fb
TYPICAL APPLICATIONS
Single Li-Ion Cell to 5V, 12V Boost Converter
RSS1
4.7k
RSS2
4.7k
CONTROL 1
3471 TA03
CSS1
0.33μF
CSS2
0.33μF
C1
4.7μF
VIN
2.6V TO 4.2V
SHDN/SS1
FB1N
9
OV
1.8V
1.8V
0V
CONTROL 2
8
7
SW1
SW2
LT3471
L2
6.8μH
GND
FB1P
VIN
FB2N
FB2P
VREF
C2
0.1μF
C3
10μF
C5
100pF
C6
220pF
VOUT1
5V
900mA IF VIN = 4.2V
630mA IF VIN = 3.3V
425mA IF VIN = 2.6V
VOUT2
12V
300mA IF VIN = 4.2V
210mA IF VIN = 3.3V
145mA IF VIN = 2.6V
C1-C3: X5R OR X7R 6.3V
C4: X5R OR X7R 16V
D1, D2: ON SEMICONDUCTOR MBRM-120
L1: SUMIDA CR43-3R3
L2: SUMIDA CR43-6R8
R1
20k
R2
4.99k
R3
54.9k
R4
4.99k
SHDN/SS2
VIN
10
1
2
3
4
5
11
6
VIN
C4
10μF
L1
3.3μH
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com