Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3495B-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3495B-1
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495B-1 Datasheet(HTML) 2 Page - Linear Technology

  LT3495B-1 Datasheet HTML 1Page - Linear Technology LT3495B-1 Datasheet HTML 2Page - Linear Technology LT3495B-1 Datasheet HTML 3Page - Linear Technology LT3495B-1 Datasheet HTML 4Page - Linear Technology LT3495B-1 Datasheet HTML 5Page - Linear Technology LT3495B-1 Datasheet HTML 6Page - Linear Technology LT3495B-1 Datasheet HTML 7Page - Linear Technology LT3495B-1 Datasheet HTML 8Page - Linear Technology LT3495B-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
2
3495b1b1fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC Voltage...............................................................16V
SW Voltage ...............................................................40V
CAP Voltage ..............................................................40V
VOUT Voltage.............................................................40V
SHDN Voltage ...........................................................10V
CTRL Voltage ............................................................10V
FB Voltage................................................................2.5V
Maximum Junction Temperature........................... 125°C
Operating Temperature Range (Note 2).. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm × 2mm) PLASTIC DFN
GND
GND
VCC
CTRL
SHDN
SW
CAP
CAP
VOUT
FB
6
8
7
9
10
5
4
2
3
1
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3495EDDB#PBF
LT3495EDDB#TRPBF
LDSS
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3495EDDB-1#PBF
LT3495EDDB-1#TRPBF
LDSV
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3495BEDDB#PBF
LT3495BEDDB#TRPBF
LDST
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3495BEDDB-1#PBF
LT3495BEDDB-1#TRPBF
LDSW
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.2
2.5
V
Maximum Operating Voltage
16
V
FB Voltage
VCTRL = 3V, (Note 3)
l
1.220
1.235
1.255
V
FB Voltage Line Regulation
0.03
%/V
FB Resistor
FB Voltage = 1.235V
l
74.7
76
77
kΩ
Quiescent Current
Not Switching
60
70
µA
Quiescent Current in Shutdown
VSHDN = 0V, VCC = 3V
0
1
µA
Minimum Switch-Off Time
After Start-Up (Note 4)
During Start-Up (Note 4)
200
500
ns
ns
Maximum Switch-Off Time
LT3495/LT3495-1, VFB = 1.5V
l
17
26
35
µs
Maximum Switch-On Time
10
µs
Switch Current Limit
LT3495/LT3495B
l
550
650
780
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3V, VSHDN = VCC, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com