Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3491 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3491
Description  White LED Driver with Integrated Schottky in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3491 Datasheet(HTML) 2 Page - Linear Technology

  LT3491_15 Datasheet HTML 1Page - Linear Technology LT3491_15 Datasheet HTML 2Page - Linear Technology LT3491_15 Datasheet HTML 3Page - Linear Technology LT3491_15 Datasheet HTML 4Page - Linear Technology LT3491_15 Datasheet HTML 5Page - Linear Technology LT3491_15 Datasheet HTML 6Page - Linear Technology LT3491_15 Datasheet HTML 7Page - Linear Technology LT3491_15 Datasheet HTML 8Page - Linear Technology LT3491_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT3491
3491fa
Input Voltage (VIN) ................................................. 12V
SW Voltage ............................................................. 32V
CAP Voltage ............................................................ 32V
CTRL Voltage .......................................................... 12V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LT3491ESC8
LBXQ
TJMAX = 125°C, θJA = 270°C/ W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
LED Current Sense Voltage (VCAP – VLED)VCAP = 30V
●
190
200
210
mV
CAP, LED Pin Bias Current
VCAP = 16V, VLED = 16V
20
40
µA
VCAP, VLED Common Mode Minimum Voltage
2.5
V
Supply Current
VCAP = 16V, VLED = 15V, CTRL = 3V
2.6
4
mA
CTRL = 0V
8
10
µA
Switching Frequency
1.8
2.3
2.8
MHz
Maximum Duty Cycle
●
88
92
%
Switch Current Limit
●
260
350
mA
Switch VCESAT
ISW = 200mA
200
mV
Switch Leakage Current
VSW = 16V
0.1
5
µA
VCTRL for Full LED Current
VCAP = 30V
●
1.5
V
VCTRL to Shut Down IC
50
mV
VCTRL to Turn On IC
●
100
mV
CTRL Pin Bias Current
100
nA
CAP Pin Overvoltage Protection
●
26
27
28
V
Schottky Forward Drop
ISCHOTTKY = 100mA
0.8
V
Schottky Leakage Current
VR = 20V
4
µA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3V, VCTRL = 3V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
SW 1
GND 2
GND 3
GND 4
8 CAP
7 LED
6 CTRL
5 VIN
TOP VIEW
SC8 PACKAGE
8-LEAD PLASTIC SC70
LED Voltage ............................................................ 32V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Maximum Junction Temperature ......................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10sec, SC-70) ......... 300
°C
TOP VIEW
CTRL
LED
CAP
VIN
GND
SW
DC PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 102°C/W, θJC = 20°C/ W
EXPOSED PAD (PIN 7) SHOULD BE CONNECTED TO PCB GROUND
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
DC PART MARKING
LT3491EDC
LCHJ
ORDER PART NUMBER
DC PART MARKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com