Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3503 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3503 Datasheet HTML 9Page - Linear Technology LT3503 Datasheet HTML 10Page - Linear Technology LT3503 Datasheet HTML 11Page - Linear Technology LT3503 Datasheet HTML 12Page - Linear Technology LT3503 Datasheet HTML 13Page - Linear Technology LT3503 Datasheet HTML 14Page - Linear Technology LT3503 Datasheet HTML 15Page - Linear Technology LT3503 Datasheet HTML 16Page - Linear Technology LT3503 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT3503
3503f
The minimum operating voltage of an LT3503 application
is limited by the undervoltage lockout (3.6V) and by the
maximum duty cycle as outlined above. For proper start-
up, the minimum input voltage is also limited by the boost
circuit. If the input voltage is ramped slowly, or the LT3503
is turned on with its SHDN pin when the output is already
in regulation, then the boost capacitor may not be fully
charged. Because the boost capacitor is charged with the
energy stored in the inductor, the circuit will rely on some
minimum load current to get the boost circuit running
properly. This minimum load will depend on the input and
output voltages, and on the arrangement of the boost
circuit. The minimum load generally goes to zero once the
circuit has started. Figure 7 shows a plot of minimum load
APPLICATIO S I FOR ATIO
to start and to run as a function of input voltage. In many
cases the discharged output capacitor will present a load
to the switcher which will allow it to start. The plots show
the worst-case situation where VIN is ramping verly slowly.
For lower start-up voltage, the boost diode can be tied to
VIN; however this restricts the input range to one-half of
the absolute maximum rating of the BOOST pin.
At light loads, the inductor current becomes discontinu-
ous and the effective duty cycle can be very high. This
reduces the minimum input voltage to approximately
400mV above VOUT. At higher load currents, the inductor
current is continuous and the duty cycle is limited by the
maximum duty cycle of the LT3503, requiring a higher
input voltage to maintain regulation.
(7a) Typical Minimum Input Voltage,
VOUT = 5V
(7b) Typical Minimum Input Voltage,
VOUT = 3.3V
Figure 7
Figure 6. Two Circuits for Generating the Boost Voltage
VIN
BOOST
GND
SW
VIN
LT3503
(6a)
D2
VOUT
C3
VBOOST – VSW ≅ VOUT
MAX VBOOST ≅ VIN + VOUT
3503 F06a
VIN
BOOST
GND
SW
VIN
LT3503
(6b)
D2
3503 F06b
VOUT
C3
VBOOST – VSW ≅ VIN
MAX VBOOST ≅ 2VIN
LOAD CURRENT (mA)
1
5.2
6.7
7.2
7.7
10
100
1000
3503 F07a
6.2
5.7
TO START
TO RUN
LOAD CURRENT (mA)
1
5.0
5.5
TO START
TO RUN
10
1OO
1000
3503 F07b
4.5
4.0
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com