Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3518 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3518
Description  Full-Featured LED Driver with 2.3A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3518 Datasheet(HTML) 2 Page - Linear Technology

  LT3518_15 Datasheet HTML 1Page - Linear Technology LT3518_15 Datasheet HTML 2Page - Linear Technology LT3518_15 Datasheet HTML 3Page - Linear Technology LT3518_15 Datasheet HTML 4Page - Linear Technology LT3518_15 Datasheet HTML 5Page - Linear Technology LT3518_15 Datasheet HTML 6Page - Linear Technology LT3518_15 Datasheet HTML 7Page - Linear Technology LT3518_15 Datasheet HTML 8Page - Linear Technology LT3518_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3518
2
3518fe
ABSOLUTE MAXIMUM RATINGS
VIN, SHDN, PWM, TGEN (Note 3)..............................40V
SW, ISP, ISN, TG........................................................45V
TG Pin Below ISP Pin................................................10V
FB, SYNC, SS, CTRL ...................................................6V
VC, RT, VREF ................................................................3V
Operating Junction Temperature Range (Notes 2, 4)
LT3518E............................................. –40°C to 125°C
LT3518I.............................................. –40°C to 125°C
LT3518H ............................................ –40°C to 150°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SW
SW
VIN
SHDN
FB
VC
CTRL
PWM
TJMAX = 125°C, θJA = 36°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VIN
SHDN
VREF
RT
SYNC
SS
PWM
CTRL
SW
SW
TG
ISP
ISN
TGEN
FB
VC
17
GND
TJMAX = 150°C, θJA = 40°C/W, θJC(PAD) = 10°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3518EUF#PBF
LT3518EUF#TRPBF
3518
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT3518IUF#PBF
LT3518IUF#TRPBF
3518
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT3518HUF#PBF
LT3518HUF#TPBF
3518
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 150°C
LT3518EFE#PBF
LT3518EFE#TRPBF
3518FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3518IFE#PBF
LT3518IFE#TRPBF
3518FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3518HFE#PBF
LT3518HFE#TRPBF
3518FE
16-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range
QFN.................................................... –65°C to 150°C
TSSOP ............................................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com