Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # TIP112F
Description  EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP112F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  TIP112F Datasheet HTML 1Page - KEC(Korea Electronics) TIP112F Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 6. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
TIP112F
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
MONOLITHIC CONSTRUCTION WITH BUILT IN
BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.
FEATURES
High DC Current Gain.
: hFE=1000(Min.),
VCE=4V, IC=1A.
Low Collector-Emitter Saturation Voltage.
Complementary to TIP117F.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
1. BASE
2. COLLECTOR
3. EMITTER
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
Φ3.20 0.20
3.00 0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60 0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60 0.15
V
U
D
A
C
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
IC
2
A
Pulse
ICP
4
Base Current
DC
IB
50
mA
Collector Power
Dissipation
Ta=25
PC
2
W
Tc=25
20
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-65
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICEO
VCE=50V, IB=0
-
-
2
mA
ICBO
VCB=100V, IE=0
-
-
1
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
2
mA
DC Current Gain
hFE
VCE=4V, IC=1A
1000
-
-
VCE=4V, IC=2A
500
-
-
Collector-Emitter Sustaining Voltage
VCEO(SUS)
IC=30mA, IB=0
100
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=2A, IB=8mA
-
-
2.5
V
Base-Emitter On Voltage
VBE(ON)
VCE=4V, IC=2A
-
-
2.8
V
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
-
-
100
pF
C
B
E
R
10kΩ
0.6kΩ
R
1
2
=
=
EQUIVALENT CIRCUIT


Similar Part No. - TIP112F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
TIP112F KEC-TIP112F Datasheet
450Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
TIP112F KEC-TIP112F_07 Datasheet
450Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - TIP112F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
KEC(Korea Electronics)
MJD112 KEC-MJD112 Datasheet
394Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
MJD117 KEC-MJD117 Datasheet
394Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
TIP112 KEC-TIP112 Datasheet
74Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
TIP117 KEC-TIP117 Datasheet
75Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
TIP117F KEC-TIP117F Datasheet
42Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com