Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32CF Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # TIP32CF
Description  TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP32CF Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  TIP32CF Datasheet HTML 1Page - KEC(Korea Electronics) TIP32CF Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 6. 14
2/2
TIP32CF
Revision No : 0
1
C
COLLECTOR CURRENT I
(mA)
h
- I
C
-1
-3
COLLECTOR CURRENT I
(mA)
C
BE(sat)
CE(sat)
V
,V
- I
FE
-10
-30 -100
-300
-1k
-3k -10k
3
5
10
30
50
100
300
500
1k
V
=-4V
CE
C
-3
-1
-30
-10
-100 -300
-10k
-1k
-3k
-10k
-300
-50
-10
-30
-100
-1k
-500
-3k
-5k
I /I =10
C
B
VBE(sat)
CE(sat)
V
P
- Ta
C
AMBIENT TEMPERATURE Ta ( C)
0
0
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-4
-10
-0.1
50
100
150
200
10
5
15
20
25
30
-30
-50
-100
-200
-0.3
-0.5
-1
-3
-5
-10
I MAX.(PULSE)
C
*
I MAX.
C
(CONTIN
-UOUS)
DC
OP
ER
AT
IN
G
*
*
*
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com