Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP34C Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # TIP34C
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP34C Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  TIP34C Datasheet HTML 1Page - KEC(Korea Electronics) TIP34C Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2001. 1. 10
2/2
TIP34C
Revision No : 1
f
- I
EMITTER CURRENT I
(A)
0
-0.01
20
-0.3
-0.1
E
TE
-1
-3
-10
10
30
-0.03
Tc=12
5
C
V
=-12V
CE
Tc=25
C
Tc=
-30
C
BASE CURRENT I
(A)
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
0.1
0.001
0.01
30
10
50
10
1
100
300
500
1K
V
=-4V
CE
0.01
0.01
0.001
0.03
0.05
0.1
1
10
0.3
0.1
0.5
1
COMMON EMITTER
I /C =10
C
B
Tc=125 C
Tc=25 C
Tc=-30 C
PULSE WIDTH t
(sec)
0.1
3
1
10
1
30
10
w
r
- t
th
w
100
300
1K
0.3
3
0.5
5
CURVES SHOULD BE APPLIED IN
THERMAL LIMITED AREA.
(SIGLE NONREPETITIVE PULSE)
NO HEAT
SINK
2K
Pc - Ta
AMBIENT TEMPERATURE Ta ( C)
100
150
0
20
40
60
025
50
75
125
80
100
Tc=Ta
INFINITE HEAT SINK
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-1
-3
-100
-10
-30
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
-10
-30
SINGLE NONREPETITIVE
PLUSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I
MAX.(PULSED)*
DC
OPER
ATION
-0.03
C
Tc=25
C
10mS
*
-200
(CONTINUOUS)
I
MAX
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com