Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3992 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3992
Description  Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3992 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3992 Datasheet HTML 9Page - STMicroelectronics AN3992 Datasheet HTML 10Page - STMicroelectronics AN3992 Datasheet HTML 11Page - STMicroelectronics AN3992 Datasheet HTML 12Page - STMicroelectronics AN3992 Datasheet HTML 13Page - STMicroelectronics AN3992 Datasheet HTML 14Page - STMicroelectronics AN3992 Datasheet HTML 15Page - STMicroelectronics AN3992 Datasheet HTML 16Page - STMicroelectronics AN3992 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN3992
Application setup
Doc ID 022369 Rev 3
13/22
An ST-LINK V2 is integrated on the board as an embedded in-circuit debugger and
programmer for the STM8 MCU.
Important note
The STM8L1528_EVAL is delivered with an STM8L152M8T6 device and the firmware
designed for STM8L162M8T6. Both chips are pin-to-pin compatible but only the STM8L162
includes the AES hardware.
4.2
CR95HF plug board
The PLUG-CR95HF-B is a board which includes a CR95HF device and a matched antenna.
A host configured as a master can communicate with CR95HF through the SPI bus.
The PLUG-CR95HF-B is powered through the VPS pin and no external power supply is
required. It includes a CR95HF contactless transceiver, a 47 x 34 mm 13.56 MHz inductive
etched antenna and its associated tuning components.
Figure 7.
PLUG-CR95HF-B Board I/Os
CR95HF IRQ_OUT
NSS
MOSI
VPS & VPS_TX
CR95HF IRQ_IN
MISO
SCK
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com