Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41CF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # TIP41CF
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP41CF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  TIP41CF Datasheet HTML 1Page - KEC(Korea Electronics) TIP41CF Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 6. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
TIP41CF
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
FEATURES
Complementary to TIP42CF.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
1. BASE
2. COLLECTOR
3. EMITTER
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
Φ3.20 0.20
3.00 0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60 0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60 0.15
V
U
D
A
C
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
IC
6
A
Pulse
ICP
10
Base Current
IB
2
A
Collector Power
Dissipation
Ta=25
PC
2
W
Tc=25
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Emitter Sustaining Voltage
VCEO(SUS)
IC=30mA, IB=0
100
-
-
V
Collector Cut-off Current
ICEO
VCE=60V, IB=0
-
-
0.7
mA
Collector Cut-off Current
ICES
VCE=100V, VEB=0
-
-
400
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
1
mA
DC Current Gain
hFE
VCE=4V, IC=0.3A
30
-
-
VCE=4V, IC=3A
15
-
75
Collector-Emitter Saturation Voltage
VCE(sat)
IC=6A, IB=600mA
-
-
1.5
V
Base-Emitter On Voltage
VBE(on)
VCE=4V, IC=6A
-
-
2.0
V
Transition Frequency
fT
VCE=10V, IC=500mA
3.0
-
-
MHz


Similar Part No. - TIP41CF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
TIP41CF KEC-TIP41CF_15 Datasheet
441Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - TIP41CF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC945A3 CYSTEKEC-BTC945A3 Datasheet
180Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTC3906N3 CYSTEKEC-BTC3906N3 Datasheet
176Kb / 4P
General Purpose NPN Epitaxial Planar Transistor
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BTC9013A3 CYSTEKEC-BTC9013A3 Datasheet
326Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
BTN13003T3 CYSTEKEC-BTN13003T3 Datasheet
263Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
MJE13003D3 CYSTEKEC-MJE13003D3 Datasheet
237Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BC857N3 CYSTEKEC-BC857N3 Datasheet
346Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com