Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0212 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM0212
Description  How to program the STM8TL5xxx Flash program memory and data EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0212 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0212 Datasheet HTML 6Page - STMicroelectronics PM0212 Datasheet HTML 7Page - STMicroelectronics PM0212 Datasheet HTML 8Page - STMicroelectronics PM0212 Datasheet HTML 9Page - STMicroelectronics PM0212 Datasheet HTML 10Page - STMicroelectronics PM0212 Datasheet HTML 11Page - STMicroelectronics PM0212 Datasheet HTML 12Page - STMicroelectronics PM0212 Datasheet HTML 13Page - STMicroelectronics PM0212 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Memory protection strategy
PM0212
10/22
Doc ID 022351 Rev 2
When the PCODE option byte is set, the PCODE area and the TRAP vector are write
protected to prevent a malicious user/program from inserting a “dump” routine inside the
protected code.
When accessing the PCODE area, no other program can be executed (all interrupt and
debug access are disabled). The programmer must consequently ensure that the protected
code embedded in the PCODE area gives back control to the main/end user software at
reasonable periods of time.
3.3
User Boot Code area protection
Whatever the memory content, it is always possible to restart an ICP session after a critical
error by applying a reset and restarting the SWIM communication.
On the contrary, during IAP sessions, the programming software driver must always be write
protected to be able to recover from any critical failure that might happen during
programming (such as power failure).
The pages where the IAP driver is implemented must be located in the write-protected boot
code area (UBC). The application reset and interrupt vectors and the reset routine must also
be stored in the UBC. These conditions allow the user software to manage the recovery
from potential critical failure by applying a reset and restarting the IAP routine from the
protected boot area.
The UBC size is defined by the user boot code (UBC) area option byte. See the following
table for the minimum and maximum size of the UBC area.
3.4
Unwanted memory access protection
The unwanted memory access protection consists of writing two 8-bit keys in the right order
into dedicated MASS key registers.
Writing the correct sequence of keys in the program memory MASS key register
(FLASH_PUKR) enables the programming of the program memory area excluding the UBC
and the PCODE area. If wrong keys are provided, a reset must to be generated to be able to
reprogram the right keys.
Once the write memory protection has been removed, it is possible to reactivate the
protection of the area by resetting the PUL bit in FLASH_IAPSR.
To enable write access to the data EEPROM area, another specific MASS key register
(FLASH_DUKR) and a different key sequence must be used. Once the data
EEPROM/option byte area is unlocked, it is possible to reactivate the protection of the area
by resetting the DUL bit in FLASH_IAPSR.
If wrong keys have been provided to the FLASH_PUKR register, the device must be reset
before performing a new key program sequence. However, when wrong keys are provided to
Table 3.
Recommended minimum and maximum sizes of the UBC area
Recommended minimum size
of the UBC area
Maximum size of the UBC area
3 pages = 192 bytes
255 pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com