Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0575 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 9Page - STMicroelectronics UM0575 Datasheet HTML 10Page - STMicroelectronics UM0575 Datasheet HTML 11Page - STMicroelectronics UM0575 Datasheet HTML 12Page - STMicroelectronics UM0575 Datasheet HTML 13Page - STMicroelectronics UM0575 Datasheet HTML 14Page - STMicroelectronics UM0575 Datasheet HTML 15Page - STMicroelectronics UM0575 Datasheet HTML 16Page - STMicroelectronics UM0575 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
UM0575
Getting started
13/20
figure). Using Equation 2, we then choose a 250 V level for VPTC_OFF to give the end of
START winding conduction information.
To achieve this level detection, R4 has to be chosen according to the value of R3, using the
following equation:
Equation 3
where VDZ1 is the clamping level of the Zener diode and VBE_Q1 is the forward voltage drop
of the base-emitter junction of the Q1 transistor.
With R3 remaining at 510 k
Ω (to reduce the power losses), VDZ1 and VBE_Q1 are 15 V and
0.6 V respectively, then R4 equals:
Equation 4
3.2
Connections
Before beginning any test, please take note of the following warnings:
1.
The board has to be used by electrically-skilled technicians or engineers because the
board has to be plugged into the mains and because no insulation is used between the
mains voltage and the accessible conductive parts.
2.
There is no insulation varnish on solders. Care should be taken when performing
measurements (for example, voltage probes have to be connected only when the line
and the power supply voltages are removed).
The e-STARTER has to be connected to a PTC and a compressor as shown in Figure 12,
according to the instructions given on the topside silk screen. The RUN capacitor (CRUN) is
optional and has to be used according to the compressor type. A start capacitor could also
be placed in series between the PTC and the e-STARTER.
1
Q
_
BE
1
DZ
OFF
_
PTC
1
DZ
V
V
V
V
3
R
4
R
=
=
=
k
30
10
6
.
32
6
.
0
15
250
15
10
510
4
R
3
3
Figure 12.
e-STARTER connections
Vac
Thermostat
Klixon
PTC
Compressor
e-STARTER
RUN
C
RUN
Vac
Thermostat
Klixon
PTC
Compressor
RUN
START
AM00908v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com