Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0672 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0672
Description  CRX14 and CR14 reference design PCB Gerber files
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0672 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0672 Datasheet HTML 7Page - STMicroelectronics UM0672 Datasheet HTML 8Page - STMicroelectronics UM0672 Datasheet HTML 9Page - STMicroelectronics UM0672 Datasheet HTML 10Page - STMicroelectronics UM0672 Datasheet HTML 11Page - STMicroelectronics UM0672 Datasheet HTML 12Page - STMicroelectronics UM0672 Datasheet HTML 13Page - STMicroelectronics UM0672 Datasheet HTML 14Page - STMicroelectronics UM0672 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
UM0672
Printed-circuit board references
13/15
Table 3.
Bill of materials for third PCB
Designators
Part value or reference
Part type
Footprint
C1
150 pF 50 V
Capacitor
0603
C1
120 pF 50 V
Capacitor
0603
C2
100 pF 50 V
Capacitor
0603
C2
option
Capacitor
0603
C3
5 pF 50V
Capacitor
0603
C4
22 nF 50 V
Capacitor
0603
C5
7 pF
Capacitor
0603
C6
7 pF
Capacitor
0603
C9
100 nF 50 V
Capacitor
0603
C10
22 µF 10 V
Capacitor
1210
L1
WURTH 742-792-042
LED
0603
L2
WURTH 742-792-042
LED
0805
L3
WURTH 742-792-042
LED
0603
L4
WURTH 742-792-042
LED
0603
L5
WURTH 742-792-042
LED
0805
J1
Connector
HE14_4H
U1
CRX14
RFID tag
SO16
U2
13.56 MHz
Crystal
XTALCMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com