Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0805 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 18Page - STMicroelectronics UM0805 Datasheet HTML 19Page - STMicroelectronics UM0805 Datasheet HTML 20Page - STMicroelectronics UM0805 Datasheet HTML 21Page - STMicroelectronics UM0805 Datasheet HTML 22Page - STMicroelectronics UM0805 Datasheet HTML 23Page - STMicroelectronics UM0805 Datasheet HTML 24Page - STMicroelectronics UM0805 Datasheet HTML 25Page - STMicroelectronics UM0805 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Evaluation board bill of materials (BOM)
UM0805
22/29
Doc ID 16304 Rev 3
Table 14.
Switches, semiconductors and crystals
Item
Qty
Reference
Part
Manufacturer
Manufacturer P/N
74
2
SW1, SW2
SW DIP-6
APEM Components DS06
75
1
SW3
SW DIP-4
APEM Components DS04
76
1
SW4
SW DIP-8
APEM Components DS08
77
1
SW5
Push Button
OMRON Electronics B3S-1000
78
1
U1
MT47H64M16HR-3 MICRON
MT47H64M16HR-
3E
79
1
U2
SPEAr600
STM
SPEAR-09-P022
80
1
U3
XXC4VLX60_11FF
G668
XILINX
XC4VLX60-
11FFG668C
81
1
U4
Socket Augat
WINSLOW Adaptics W30514TT
82
2
U5, U6
TPS2030
TEXAS Instruments TPS2030D
83
1
U7
74HC09
STM
M74HC09RM13TR
84
1
U8
M25P64
STM
M25P64-VMF6P
85
1
U10
M24C04
STM
M24C04-WMN6P
86
1
U11
ST3232CD
STM
ST3232CDR
87
1
U12
NandFlashx8_FBG
A63
STM
Nand512W3A2CZA
6
88
1
U14
GigPhy DP83865
NATIONAL
DP83865DVH/NOP
B
89
1
U15
L5972D
STM
E-L5972D
90
1
U16
LD1117S33TR
STM
LD1117S33TR
91
1
U17
LD1117S25TR
STM
LD1117S25TR
92
1
U18
LD1117S18TR
STM
LD1117S18TR
93
1
U19
STM811
STM
STM811SW16F
94
1
U20
PL5S-12C
TDK-Lambda
PL5S-12-C
95
1
U21
XCF32PVOG48C
XILINX
XCF32PVOG48C
96
1
U22
L6926
STM
L6926
97
1
Y1
32kHz
FOX Electronics
NC26LF-327
98
1
Y2
30MHz
C-MAC
XTAL003342
99
1
Y3
25MHz
FOX Electronics
FOXS/250F-20
100
15
Jumper
WINSLOW Adaptics W8010T50
101
4
Rubber feet
PDE
PD2115BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com