Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLL-RACE-061-R4 Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLL-RACE-061-R4
Description  Race Lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLL-RACE-061-R4 Datasheet(HTML) 1 Page - BetLux Electronics

  TLL-RACE-061-R4 Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
LED cup light
TLL-RACE-061-XX
APPROVED : XU L
CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 1
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Features:
Ø
Race Lamp
Ø
Led quautity:   4pcs/6pcs
Ø
Voltage:   110V/220-240V
Ø
Color:   Red/ yellow/ blue/ green/ white
Ø
Base:   E27
Ø
Life time:   50000 hours
Ø
Weight:   0.13 kgs/PCS
Ø
Various functions as gradual changing, jumpy changing, color
flashing & color scanning
n
Applications
Widely used for decoration field such as super market, hotel, tavern,
meeting-room, exhibition hall, show window, disco, karaoke singing-hall,
house decoration, hotels, etc.
n
Electrical-optical characteristics (Ta=25°C)
Part Number
LED#
Color
Voltage
Watts
(W)
Brightness
(LM)
Life
(H)
Base
TLL-RACE-061-R4
4
Red
110/220
1
4
50000
E27
TLL-RACE-061-Y4
4
Yellow
110/220
1
5
50000
E27
TLL-RACE-061-B4
4
Blue
110/220
1
5
50000
E27
TLL-RACE-061-G4
4
Green
110/220
1
7
50000
E27
TLL-RACE-061-w4
4
White
110/220
1
8
50000
E27
TLL-RACE-061-R6
6
Red
110/220
1
4
50000
E27
TLL-RACE-061-Y6
6
Yellow
110/220
1
5
50000
E27
TLL-RACE-061-B6
6
Blue
110/220
1
5
50000
E27
TLL-RACE-061-G6
6
Green
110/220
1
7
50000
E27
TLL-RACE-061-w6
6
White
110/220
1
8
50000
E27
■  Drawing
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±1mm(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice
40(1.575)
28(1.1)


Similar Part No. - TLL-RACE-061-R4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLL-5902 ETC2-TLL-5902 Datasheet
241Kb / 2P
TADIRAN LITHIUM BATTERIES
logo
Multicomp Pro
TLL-62BG MULTICOMP-TLL-62BG Datasheet
197Kb / 2P
Tactile Switch
18/11/20 V1.0
TLL-62BR MULTICOMP-TLL-62BR Datasheet
197Kb / 2P
Tactile Switch
18/11/20 V1.0
TLL-62BY MULTICOMP-TLL-62BY Datasheet
197Kb / 2P
Tactile Switch
18/11/20 V1.0
logo
BetLux Electronics
TLL-E12B63-061 BETLUX-TLL-E12B63-061 Datasheet
50Kb / 1P
Mushroom shape bulb
REV NO: V.1
More results

Similar Description - TLL-RACE-061-R4

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070610FR SUYIN-USA-070610FR Datasheet
143Kb / 1P
HIGH RACE 25S
logo
E-SWITCH
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
LAMP VOLTAGE: NO LAMP
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
LAMP VOLTAGE: NO LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com