Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4254 Datasheet(PDF) 2 Page - Linear Technology

Part # LT4254
Description  Positive High Voltage Hot Swap Controller with Open-Circuit Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4254 Datasheet(HTML) 2 Page - Linear Technology

  LT4254_15 Datasheet HTML 1Page - Linear Technology LT4254_15 Datasheet HTML 2Page - Linear Technology LT4254_15 Datasheet HTML 3Page - Linear Technology LT4254_15 Datasheet HTML 4Page - Linear Technology LT4254_15 Datasheet HTML 5Page - Linear Technology LT4254_15 Datasheet HTML 6Page - Linear Technology LT4254_15 Datasheet HTML 7Page - Linear Technology LT4254_15 Datasheet HTML 8Page - Linear Technology LT4254_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT4254
2
4254fb
Supply Voltage (VCC) .................................. – 0.3 to 44V
SENSE, PWRGD ......................................... – 0.3 to 44V
GATE .......................................................... – 0.3 to 50V
FB, UV, OPEN ............................................. – 0.3 to 44V
OV .............................................................. – 0.3 to 18V
RETRY ........................................................ – 0.3 to 15V
TIMER ..................................................... – 0.3V to 4.3V
Maximum Input Current (TIMER) ....................... 100
µA
Operating Temperature
LT4254C ................................................. 0
°C to 70°C
LT4254I ............................................. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 24V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Voltage
●
10.8
36
V
ICC
Operating Current
1.9
3
mA
UVLH
Undervoltage Threshold
VCC Low-to-High Transition
●
3.96
4
4.04
V
VUVHYS
Hysteresis
0.25
0.4
0.55
V
IINUV
UV Input Current
UV = 4.5V
–0.1
–1
µA
UV = 0V
–1.5
–3
µA
VOVHL
Overvoltage Threshold
VCC Low-to-High Transition
●
3.96
4
4.04
V
VOVHYS
Hysteresis
0.25
0.4
0.55
V
IINOV
OV Input Current
0V
≤ OV < 6.5V
0.1
1
µA
VOPEN
Open-Circuit Voltage Threshold (VCC – VSENSE)
●
2
3.5
5
mV
VOLOPEN
OPEN Output Low Voltage
IO = 2mA
0.20
0.5
V
IO = 5mA
0.75
1.3
V
IINOPEN
Leakage Current
VOPEN = 5V
0.1
1
µA
VSENSETRIP
SENSE Pin Trip Voltage (VCC – VSENSE)
FB = 0V
●
5.5
12
25
mV
FB
≥ 2V
●
40
50
60
mV
IINSNS
SENSE Pin Input Current
40
70
µA
IPU
GATE Pull-Up Current
Charge Pump On,
∆VGATE = 7V
●
–15
– 35
– 63
µA
IPD
GATE Pull-Down Current
Any Fault, VGATE = 3V
40
60
80
mA
∆VGATE
External N-Channel Gate Drive (Note 2)
VGATE – VCC, 12V ≤ VCC ≤ 20V
●
4.5
8.8
12.5
V
20V
≤ VCC ≤ 36V
●
10
11
12.5
V
VFB
FB Voltage Threshold
FB High-to-Low Transition
●
3.96
4
4.04
V
FB Low-to-High Transition
●
4.20
4.45
4.65
V
VFBHYS
FB Hysteresis Voltage
0.3
0.45
0.60
V
VOLPGD
PWRGD Output Low Voltage
IO = 1.6mA
0.25
0.4
V
IO = 5mA
0.63
1.0
V
ORDER PART NUMBER
GN PART MARKING
4254
4254I
LT4254CGN
LT4254IGN
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note: NC = No Connect
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
GN PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
UV
OV
NC
OPEN
PWRGD
NC
RETRY
GND
VCC
SENSE
NC
GATE
NC
NC
FB
TIMER
TJMAX = 125°C, θJA = 130°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com