Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5579 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 2 Page - Linear Technology

  LT5579_15 Datasheet HTML 1Page - Linear Technology LT5579_15 Datasheet HTML 2Page - Linear Technology LT5579_15 Datasheet HTML 3Page - Linear Technology LT5579_15 Datasheet HTML 4Page - Linear Technology LT5579_15 Datasheet HTML 5Page - Linear Technology LT5579_15 Datasheet HTML 6Page - Linear Technology LT5579_15 Datasheet HTML 7Page - Linear Technology LT5579_15 Datasheet HTML 8Page - Linear Technology LT5579_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT5579

5579fa
pin conFiguraTion
absoluTe MaxiMuM raTings
SupplyVoltage............................................................4V
LOInputPower.................................................. +10dBm
LOInputDCVoltage........................ –0.3VtoVCC+0.3V
RFOutputDCCurrent........................................... 60mA
IFInputPower(Differential)............................... +13dBm
IF+,IF–DCCurrents.............................................. 60mA
TJMAX.................................................................... 150°C
OperatingTemperatureRange.................–40°Cto85°C
StorageTemperatureRange.................. –65°Cto150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UH PACKAGE
24-LEAD (5mm 5mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
GND
GND
IF+
IF–
GND
GND
GND
GND
GND
RF
GND
GND
TJMAX=150°C,θJA=34°C/W,θJC=3°C/W
EXPOSEDPAD(PIN25)ISGND,MUSTBESOLDEREDTOPCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5579IUH#PBF
LT5579IUH#TRPBF
5579
24-Lead(5mm
×5mm)PlasticQFN
–40°Cto85°C
ConsultLTCMarketingforpartsspecifiedwithwideroperatingtemperatureranges.
ConsultLTCMarketingforinformationonnon-standardleadbasedfinishparts.
Formoreinformationonleadfreepartmarking,goto:http://www.linear.com/leadfree/
Formoreinformationontapeandreelspecifications,goto:http://www.linear.com/tapeandreel/
Dc elecTrical characTerisTics V
CC = 3.3V, TA = 25°C (Note 3), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements (VCC)
SupplyVoltage
3.15
3.3
3.6
VDC
SupplyCurrent
VCC=3.3V,PLO=–1dBm
VCC=3.6V,PLO=–1dBm
226
241
250
mA
mA
InputCommonModeVoltage(VCM)
InternallyRegulated
570
mV
ac elecTrical characTerisTics (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IFInputFrequencyRange(Note4)
RequiresMatching
LFto1000
MHz
LOInputFrequencyRange(Note4)
RequiresMatchingBelow1GHz
750to4300
MHz
RFOutputFrequencyRange(Note4)
RequiresMatching
900to3900
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com