Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6000 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6000
Description  Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6000 Datasheet(HTML) 1 Page - Linear Technology

  LT6000 Datasheet HTML 1Page - Linear Technology LT6000 Datasheet HTML 2Page - Linear Technology LT6000 Datasheet HTML 3Page - Linear Technology LT6000 Datasheet HTML 4Page - Linear Technology LT6000 Datasheet HTML 5Page - Linear Technology LT6000 Datasheet HTML 6Page - Linear Technology LT6000 Datasheet HTML 7Page - Linear Technology LT6000 Datasheet HTML 8Page - Linear Technology LT6000 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT6000/LT6001/LT6002
1
600012fa
APPLICATIO S
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
■ Gas Sensing
■ Portable Instrumentation
■ Battery- or Solar-Powered Systems
■ Low Voltage Signal Processing
■ Micropower Active Filters
■ Ideal for Battery-Powered Applications
– Low Voltage: 1.8V to 16V Operation
– Low Current: 16
µA/Amplifier Max
– Small Packages: DFN, MSOP, SSOP
– Shutdown to 1.5
µA Max (LT6000, LT6001DD)
■ Low Offset Voltage: 600
µV Max
■ Rail-to-Rail Input and Output
■
Fully Specified on 1.8V and 5V Supplies
■ Operating Temperature Range: –40
°C to 85°C
■ Single Available in DFN
Dual Available in MSOP and DFN
Quad Available in SSOP and DFN
Single, Dual and Quad,
1.8V, 13
µA Precision
Rail-to-Rail Op Amps
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
The LT
®6000/LT6001/LT6002 are single, dual and quad
precision rail-to-rail input and output operational amplifi-
ers. Designed to maximize battery life in always-on appli-
cations, the devices will operate on supplies down to 1.8V
while drawing only 13
µA quiescient current. The low
supply current and low voltage operation is combined with
precision specifications; input offset is guaranteed less
than 600
µV. The performance on 1.8V supplies is fully
specified and guaranteed over temperature. A shutdown
feature available in the LT6000 and the 10-lead dual
LT6001 version can be used to extend battery life by
allowing the amplifiers to be switched off during periods
of inactivity.
The LT6000 is available in a tiny, dual fine pitch leadless
DFN package. The LT6001 is available in the 8-pin MSOP
package; a 10-lead version with the shutdown feature is
available in DFN package. The quad LT6002 is available in
the 16-pin SSOP package and the 16-pin DFN package.
These devices are specified over the commercial and
industrial temperature range.
–VE
100
Ω
330
Ω
VOUT = 1V IN AIR,
0V WITHOUT OXYGEN
330
Ω
+
–
10k
OXYGEN SENSOR
CITY TECHNOLOGY
40X(2)
www.citytech.com
+VE
1/2 LT6001
200k
VS = 1.8V
ISUPPLY = 145µA IN AIR,
45
µA WITHOUT OXYGEN
VS
VS
20k
60012 TA01a
1/2 LT6001
Micropower Oxygen Sensor
Start-Up Characteristics
Supply Current vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0.4
0
10
25
0.8
1.2
1.4
60012 TA01b
5
20
15
0.6
1.0
1.6
1.8
2.0
AV = 1
VCM = 0.5V
TA = 125°C
TA = 25°C
TA = –55°C


Similar Part No. - LT6000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6000 LINER-LT6000 Datasheet
313Kb / 20P
Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6000 LINER-LT6000 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LT6000 AD-LT6000 Datasheet
802Kb / 26P
6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
Rev E
logo
Linear Technology
LT6000CDCB LINER-LT6000CDCB Datasheet
313Kb / 20P
Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
More results

Similar Description - LT6000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
logo
Linear Technology
LT6000 LINER-LT6000 Datasheet
313Kb / 20P
Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464_11 Datasheet
631Kb / 19P
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 4; 7/11
logo
Linear Technology
LT6001 LINER-LT6001_15 Datasheet
323Kb / 20P
Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6002 LINER-LT6002_15 Datasheet
323Kb / 20P
Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com