Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6106 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6106
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6106 Datasheet(HTML) 2 Page - Linear Technology

  LT6106_15 Datasheet HTML 1Page - Linear Technology LT6106_15 Datasheet HTML 2Page - Linear Technology LT6106_15 Datasheet HTML 3Page - Linear Technology LT6106_15 Datasheet HTML 4Page - Linear Technology LT6106_15 Datasheet HTML 5Page - Linear Technology LT6106_15 Datasheet HTML 6Page - Linear Technology LT6106_15 Datasheet HTML 7Page - Linear Technology LT6106_15 Datasheet HTML 8Page - Linear Technology LT6106_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6106
2
6106fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V–)..........................................44V
Input Voltage (+IN to V–) ............................................ V+
(–IN to V–) ............................................ V+
Input Current........................................................–10mA
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range (Note 4)
LT6106C............................................... –40°C to 85°C
LT6106H ............................................ –40°C to 125°C
Specified Temperature Range (Note 4)
LT6106C................................................... 0°C to 70°C
LT6106H ............................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
–IN 3
5 V+
4 +IN
TJMAX = 150°C, θJA = 250°C/W
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Supply Voltage Range
●
2.7
36
V
VOS
Input Offset Voltage
VSENSE = 5mV
●
150
250
350
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
VSENSE = 5mV
●
1μV/°C
IB
Input Bias Current (+IN)
V+ = 12V, 36V
●
40
65
nA
nA
IOS
Input Offset Current
V+ = 12V, 36V
1
nA
IOUT
Maximum Output Current
(Note 2)
●
1mA
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 36V, VSENSE = 5mV
●
106
dB
VSENSE(MAX)
Input Sense Voltage Full Scale
RIN = 500Ω (Notes 2, 7)
●
0.5
V
AV Error
Gain Error (Note 3)
VSENSE = 500mV, RIN = 500Ω, ROUT = 10k, V+ = 12.5V
●
–0.65
–0.25
0
%
VSENSE = 500mV, RIN = 500Ω, ROUT = 10k, V+ = 36V
●
–0.45
–0.14
0.1
%
VOUT(HIGH)
Output Swing High
(Referred to V+)
VSENSE = 120mV
●
1.2
1.4
V
V
The ● denotes the specifications which apply over the full specified
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 12V, V+ = VSENSE+, RIN = 100Ω, ROUT = 10k, Gain = 100
unless otherwise noted. (Note 6)
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6106CS5#TRMPBF
LT6106CS5#TRPBF
LTCWK
5-Lead Plastic TSOT-23
0°C to 70°C
LT6106HS5#TRMPBF
LT6106HS5#TRPBF
LTCWK
5-Lead Plastic TSOT-23
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com