Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6100 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6100
Description  Precision, Gain Selectable High Side Current Sense Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6100 Datasheet(HTML) 2 Page - Linear Technology

  LT6100_15 Datasheet HTML 1Page - Linear Technology LT6100_15 Datasheet HTML 2Page - Linear Technology LT6100_15 Datasheet HTML 3Page - Linear Technology LT6100_15 Datasheet HTML 4Page - Linear Technology LT6100_15 Datasheet HTML 5Page - Linear Technology LT6100_15 Datasheet HTML 6Page - Linear Technology LT6100_15 Datasheet HTML 7Page - Linear Technology LT6100_15 Datasheet HTML 8Page - Linear Technology LT6100_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT6100
2
6100fd
For more information www.linear.com/LT6100
ABSOLUTE MAXIMUM RATINGS
Differential Sense Voltage...................................... ±48V
Total VS+, VS– to VEE ............................................... 48V
Total VCC Supply Voltage from VEE ......................... 36V
Output Voltage............................... (VEE) to (VEE + 36V)
Output Short-Circuit Duration (Note 3) ........ Continuous
Operating Temperature Range (Note 4)
LT6100C ............................................–40°C to 85°C
LT6100I ..............................................–40°C to 85°C
LT6100H .......................................... –40°C to 125°C
(Notes 1, 2)
PACKAGE/ORDER INFORMATION
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VS–
VCC
FIL
VEE
VS+
A4
A2
VOUT
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) IS VEE, MUST BE SOLDERED TO PCB
1
2
3
4
VS–
VCC
FIL
VEE
8
7
6
5
VS+
A4
A2
VOUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/W
Specified Temperature Range (Note 5)
LT6100C ................................................ 0°C to 70°C
LT6100I ..............................................–40°C to 85°C
LT6100H .......................................... –40°C to 125°C
Storage Temperature Range ...........................................
DFN.................................................... –65°C to 125°C
MSOP ................................................ –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP .............................................................. 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6100CDD#PBF
LT6100CDD#TRPBF
LBMW
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LT6100IDD#PBF
LT6100IDD#TRPBF
LBMW
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT6100HDD#PBF
LT6100HDD#TRPBF
LBMW
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT6100CMS8#PBF
LT6100CMS8#TRPBF
LTBMV
8-Lead Plastic MS8
0°C to 70°C
LT6100IMS8#PBF
LT6100IMS8#TRPBF
LTBMV
8-Lead Plastic MS8
–40°C to 85°C
LT6100HMS8#PBF
LT6100HMS8#TRPBF
LTBMV
8-Lead Plastic MS8
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com