Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6402-12 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6402-12
Description  300MHz Low Distortion, Low Noise Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402-12 Datasheet(HTML) 2 Page - Linear Technology

  LT6402-12 Datasheet HTML 1Page - Linear Technology LT6402-12 Datasheet HTML 2Page - Linear Technology LT6402-12 Datasheet HTML 3Page - Linear Technology LT6402-12 Datasheet HTML 4Page - Linear Technology LT6402-12 Datasheet HTML 5Page - Linear Technology LT6402-12 Datasheet HTML 6Page - Linear Technology LT6402-12 Datasheet HTML 7Page - Linear Technology LT6402-12 Datasheet HTML 8Page - Linear Technology LT6402-12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6402-12
2
640212fa
Total Supply Voltage (VCCA/VCCB/VCCC to
VEEA/VEEB/VEEC) ...................................................5.5V
Input Current (+INA, –INA, +INB, –INB,
VOCM, ENABLE)................................................±10mA
Output Current (Continuous)
+OUT, –OUT ...................................................±100mA
+OUTFILTERED, –OUTFILTERED ......................±30mA
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3).... –40°C to 85°C
Specified Temperature Range (Note 4) .... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
Junction Temperature ........................................... 125°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristics (+INA, +INB, –INA, –INB, +OUT, –OUT, +OUTFILTERED, –OUTFILTERED)
GDIFF
Gain
Differential (+OUT, –OUT), VIN = ±400mV Differential
l
11.6
12
12.4
dB
VSWINGMIN
Single-Ended +OUT, –OUT, +OUTFILTERED,
–OUTFILTERED, VIN = ±1.2V Differential
l
0.25
0.35
0.5
V
V
VSWINGMAX
Single-Ended +OUT, –OUT, +OUTFILTERED,
–OUTFILTERED, VIN = ±1.2V Differential
l
3.4
3.3
3.6
V
V
VSWINGDIFF
Output Voltage Swing
Differential (+OUT, –OUT), VIN = ±1.2V Differential
l
6.1
5.6
7VP-P
VP-P
IOUT
Output Current Drive
l
±30
±35
mA
VOS
Input Offset Voltage
l
–6.5
–10
1
6.5
10
mV
mV
TCVOS
Input Offset Voltage Drift
TMIN to TMAX
l
2.5
μV/°C
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
9
10
17
11
12
4
3
2
1
VCCC
VOCM
VCCA
VEEA
VEEC
ENABLE
VCCB
VEEB
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD IS VEE (PIN 17)
MUST BE SOLDERED TO THE PCB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCCA = VCCB = VCCC = 5V, VEEA = VEEB = VEEC = 0V, ENABLE = 0.8V, +INA
shorted to +INB (+IN), –INA shorted to –INB (–IN), VOCM = 2.2V, Input common mode voltage = 2.2V, no RLOAD unless otherwise noted.
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6402CUD-12#PBF
LT6402CUD-12#TRPBF
LCBB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LT6402IUD-12#PBF
LT6402IUD-12#TRPBF
LCBB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6402CUD-12
LT6402CUD-12#TR
LCBB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LT6402IUD-12
LT6402IUD-12#TR
LCBB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com