Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6411 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6411
Description  650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411 Datasheet(HTML) 2 Page - Linear Technology

  LT6411_15 Datasheet HTML 1Page - Linear Technology LT6411_15 Datasheet HTML 2Page - Linear Technology LT6411_15 Datasheet HTML 3Page - Linear Technology LT6411_15 Datasheet HTML 4Page - Linear Technology LT6411_15 Datasheet HTML 5Page - Linear Technology LT6411_15 Datasheet HTML 6Page - Linear Technology LT6411_15 Datasheet HTML 7Page - Linear Technology LT6411_15 Datasheet HTML 8Page - Linear Technology LT6411_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6411
2
6411f
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (VCC to VEE) ..........................12.6V
Input Current (Note 2)..........................................±10mA
Output Current (Continuous) ...............................±70mA
EN to DGND Voltage (Note 2) ..................................5.5V
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ... –40°C to 85°C
Specified Temperature Range (Note 5) .... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
Junction Temperature ........................................... 125°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Referred Offset Voltage
VIN = 0V, VOS = VOUT/2
●
3
±10
±20
mV
mV
IIN
Input Current
●
–17
±50
µA
RIN
Input Resistance
VIN = ±1V
●
150
500
k
Ω
CIN
Input Capacitance
f = 100kHz
1
pF
VCMR
Maximum Input Common Mode Voltage
Minimum Input Common Mode Voltage
VCC – 1
VEE + 1
V
V
PSRR
Power Supply Rejection Ratio
VS (Total) = 4.5V to 12V (Note 6)
●
56
62
dB
IPSRR
Input Current Power Supply Rejection
VS (Total) = 4.5V to 12V (Note 6)
●
1
±4
µA/V
AV ERR
Gain Error
VOUT = ±2V
●
–1.2
±5
%
AV MATCH Gain Matching
VOUT = ±2V
±1
%
VOUT
Maximum Output Voltage Swing
RL = 1k
RL = 150Ω
RL = 150Ω
●
±3.70
±3.25
±3.10
±3.95
±3.6
V
V
V
IS
Supply Current, Per Amplifier
●
811
14
mA
mA
Supply Current, Disabled, per Amplifier
VEN = 4V
VEN = Open
●
●
22
0.5
350
350
µA
µA
IEN
Enable Pin Current
VEN = 0.4V
VEN = V
+
●
●
–200
–95
0.5
50
µA
µA
DGND
EN
VCC
VCC
VEE
VEE
VEE
NC
16
1
2
3
4
12
11
10
9
56
7
8
15
14
17
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
13
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS VEE, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
UD PART MARKING*
LT6411CUD
LT6411IUD
LCGP
LCGP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*Temperature grade is identified by a label on the shipping container.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, AV = 2, RL = 150Ω, CL = 1.5pF, VEN = 0.4V, VDGND = 0V,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com