Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6600-15 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6600-15
Description  Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600-15 Datasheet(HTML) 2 Page - Linear Technology

  LT6600-15 Datasheet HTML 1Page - Linear Technology LT6600-15 Datasheet HTML 2Page - Linear Technology LT6600-15 Datasheet HTML 3Page - Linear Technology LT6600-15 Datasheet HTML 4Page - Linear Technology LT6600-15 Datasheet HTML 5Page - Linear Technology LT6600-15 Datasheet HTML 6Page - Linear Technology LT6600-15 Datasheet HTML 7Page - Linear Technology LT6600-15 Datasheet HTML 8Page - Linear Technology LT6600-15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6600-15
2
660015fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage .................................................11V
Input Current (Note 8)..........................................±10mA
Operating Temperature Range (Note 6)....–40°C to 85°C
Specified Temperature Range (Note 7) .... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
TOP VIEW
IN+
VMID
V–
OUT–
IN–
VOCM
V+
OUT+
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 100°C/W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain, VS = 3V
VIN = 2VP-P, fIN = DC to 260kHz
– 0.5
0.1
0.5
dB
VIN = 2VP-P, fIN = 1.5MHz (Gain Relative to 260kHz)
l
–0.1
0
0.1
dB
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
l
–0.3
0
0.4
dB
VIN = 2VP-P, fIN = 12MHz (Gain Relative to 260kHz)
l
–0.3
0.2
1.0
dB
VIN = 2VP-P, fIN = 15MHz (Gain Relative to 260kHz)
l
– 0.7
0
1.0
dB
VIN = 2VP-P, fIN = 45MHz (Gain Relative to 260kHz)
l
– 29
–25
dB
VIN = 2VP-P, fIN = 75MHz (Gain Relative to 260kHz)
l
–46
dB
Filter Gain, VS = 5V
VIN = 2VP-P, fIN = DC to 260kHz
– 0.5
0
0.5
dB
VIN = 2VP-P, fIN = 1.5MHz (Gain Relative to 260kHz)
l
– 0.1
0
0.1
dB
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
l
–0.4
0
0.3
dB
VIN = 2VP-P, fIN = 12MHz (Gain Relative to 260kHz)
l
–0.4
0.1
0.9
dB
VIN = 2VP-P, fIN = 15MHz (Gain Relative to 260kHz)
l
–0.8
0
0.9
dB
VIN = 2VP-P, fIN = 45MHz (Gain Relative to 260kHz)
l
–29
–25
dB
VIN = 2VP-P, fIN = 75MHz (Gain Relative to 260kHz)
l
–46
dB
Filter Gain, VS = ±5V
VIN = 2VP-P, fIN = DC to 260kHz
– 0.6
–0.1
0.4
dB
Filter Gain, RIN = 133Ω
VOUT = 0.5VP-P, fIN = DC to 260kHz, VS = 3V
VOUT = 0.5VP-P, fIN = DC to 260kHz, VS = 5V
VOUT = 0.5VP-P, fIN = DC to 260kHz, VS = ±5V
11.5
11.5
11.4
12.0
12.0
11.9
12.5
12.5
12.4
dB
dB
dB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6600CS8-15#PBF
LT6600CS8-15#TRPBF
660015
8-Lead Plastic SO
–40°C to 85°C
LT6600IS8-15#PBF
LT6600IS8-15#TRPBF
600I15
8-Lead Plastic SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6600CS8-15
LT6600CS8-15#TR
660015
8-Lead Plastic SO
–40°C to 85°C
LT6600IS8-15
LT6600IS8-15#TR
600I15
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V– = 0V), RIN = 536Ω, and RLOAD = 1k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com