Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6550 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6550
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550 Datasheet(HTML) 2 Page - Linear Technology

  LT6550_15 Datasheet HTML 1Page - Linear Technology LT6550_15 Datasheet HTML 2Page - Linear Technology LT6550_15 Datasheet HTML 3Page - Linear Technology LT6550_15 Datasheet HTML 4Page - Linear Technology LT6550_15 Datasheet HTML 5Page - Linear Technology LT6550_15 Datasheet HTML 6Page - Linear Technology LT6550_15 Datasheet HTML 7Page - Linear Technology LT6550_15 Datasheet HTML 8Page - Linear Technology LT6550_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6550/LT6551
2
65501fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Output Accuracy
No Load, VOUT Ideal = 1.5V
30
70
mV
Output Voltage Matching
Between Any Two Outputs
25
75
mV
Input Current
Any Input
15
65
µA
Input Impedance,
∆VIN/∆IIN
VIN = 0V to 1V
100
300
k
Input Noise Voltage Density
f = 100kHz (Note 10)
12
nV/
√Hz
Input Noise Current Density
f = 100kHz (Note 10)
8
pA/
√Hz
Voltage Gain (Note 5)
0.25V
≤ VIN ≤ 1.25V
No Load
1.9
2.1
V/V
RL = 150Ω
1.9
2.1
V/V
RL = 75Ω, 0.25V ≤ VIN ≤ 0.75V
1.85
2.15
V/V
Output Voltage Swing Low
VIN = – 0.1V
No Load
10
30
mV
ISINK = 5mA
60
150
mV
ISINK = 10mA
90
200
mV
Total Supply Voltage
LT6550 (VCC TO VEE) ........................................ 12.6V
LT6551 (VCC TO GND) ...................................... 12.6V
Input Current (Note 9) ........................................
±10mA
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
The
denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, VGND = 0V; VIN = 0.75V LT6550 (Pins 1,2,3);
LT6551 (Pins 1,2,3,4). VEE = 0V LT6550 (Pin 5), unless otherwise noted.
Specified Temperature Range (Note 3)
LT6550C/LT6551C ..............................–40
°C to 85°C
LT6550I/LT6551I ................................ – 40
°C to 85°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
3.3V ELECTRICAL CHARACTERISTICS
TJMAX = 150°C, θJA = 110°C/W
(Note 4)
1
2
3
4
5
IN1
IN2
IN3
IN4
GND
10
9
8
7
6
VCC
OUT1
OUT2
OUT3
OUT4
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
X2
X2
X2
X2
TJMAX = 150°C, θJA = 110°C/W
(Note 4)
1
2
3
4
5
IN1
IN2
IN3
GND
VEE
10
9
8
7
6
VCC
OUT1
OUT2
OUT3
N/C
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
X2
X2
X2
ORDER PART NUMBER
LT6550CMS
LT6550IMS
MS10 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTB9
LTC1
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
MS10 PART MARKING
LT6551CMS
LT6551IMS
LTC2
LTC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com