Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6604-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6604-10
Description  Dual Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604-10 Datasheet(HTML) 2 Page - Linear Technology

  LT6604-10 Datasheet HTML 1Page - Linear Technology LT6604-10 Datasheet HTML 2Page - Linear Technology LT6604-10 Datasheet HTML 3Page - Linear Technology LT6604-10 Datasheet HTML 4Page - Linear Technology LT6604-10 Datasheet HTML 5Page - Linear Technology LT6604-10 Datasheet HTML 6Page - Linear Technology LT6604-10 Datasheet HTML 7Page - Linear Technology LT6604-10 Datasheet HTML 8Page - Linear Technology LT6604-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6604-10
2
660410fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage .................................................11V
Operating Temperature Range (Note 6).... –40°C to 85°C
Specified Temperature Range (Note 7) .... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Input Current
+IN, –IN, VOCM, VMID (Note 8) .........................±10mA
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6604CUFF-10#PBF
LT6604CUFF-10#TRPBF
60410
34-Lead (4mm
× 7mm) Plastic QFN
0°C to 70°C
LT6604IUFF-10#PBF
LT6604IUFF-10#TRPBF
60410
34-Lead (4mm
× 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
30 NC
29 –OUTA
28 NC
27 +OUTA
26 NC
25 V+A
24 V–
23 NC
22 NC
21 –OUTB
20 NC
19 +OUTB
18 NC
NC 1
+INA 2
NC 3
–INA 4
NC 5
VOCMA 6
V– 7
VMIDB 8
NC 9
+INB 10
NC 11
–INB 12
NC 13
TOP VIEW
UFF PACKAGE
34-LEAD (4mm × 7mm) PLASTIC QFN
35
TJMAX = 150°C, θJA = 34°C/W, θJC = 2.7°C/W
EXPOSED PAD (PIN 35) IS V–, MUST BE SOLDERED TO PCB
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com