Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1255 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1255
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1255 Datasheet HTML 8Page - Linear Technology LTC1255 Datasheet HTML 9Page - Linear Technology LTC1255 Datasheet HTML 10Page - Linear Technology LTC1255 Datasheet HTML 11Page - Linear Technology LTC1255 Datasheet HTML 12Page - Linear Technology LTC1255 Datasheet HTML 13Page - Linear Technology LTC1255 Datasheet HTML 14Page - Linear Technology LTC1255 Datasheet HTML 15Page - Linear Technology LTC1255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1255
TYPICAL APPLICATIO S
18V to 32V Operation with Overcurrent Shutdown and Optional
Overvoltage Shutdown
Bootstrapped Gate Driver (100Hz < fO < 10kHz)
High-Side Switch with Thermal Shutdown (PTC Thermistor)
VS
DS1
1/2 LTC1255
GND
IN1
G1
+
10
µF
*KEYSTONE RL2006-100-100-30-PT
LOAD
IRF530
FROM
µP, ETC.
9V TO 24V
LTC1255 • TA10
PTC*
THERMISTOR
(100°C)
12V
1N5242B
100k
VS
DS1
1/2 LTC1255
G1
GND
IN1
+
10k
2N3904
1k
2N3906
36V*
1N5258B
RSEN
0.10
Ω
1W
(IMAX = VBE/RSEN)
10k
12V
1N5242B
IRF530
FROM
µP, ETC.
24V
1N5252B
1
µF
50V
18V TO 32V
LOAD
1k
18V TO 32V
*OPTIONAL 36V OVERVOLTAGE SHUTDOWN
LTC1255 • TA08
VS
DS1
1/2 LTC1255
GND
IN1
G1
+
10
µF
2N2222
12V
1N5242B
*VGS = VS – 0.6V
(CLAMPED AT 12V)
RISE AND FALL TIMES
ARE BETA TIMES FASTER
*
1N4148
LOAD
2N3906
IRFZ44
0.1
µF
FROM
µP, ETC.
9V TO 24V
0.036
Ω
LTC1255 • TA09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com