Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT10647FB Datasheet(PDF) 2 Page - Linear Technology

Part # LT10647FB
Description  Linear Phase, 8th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT10647FB Datasheet(HTML) 2 Page - Linear Technology

  LT10647FB Datasheet HTML 1Page - Linear Technology LT10647FB Datasheet HTML 2Page - Linear Technology LT10647FB Datasheet HTML 3Page - Linear Technology LT10647FB Datasheet HTML 4Page - Linear Technology LT10647FB Datasheet HTML 5Page - Linear Technology LT10647FB Datasheet HTML 6Page - Linear Technology LT10647FB Datasheet HTML 7Page - Linear Technology LT10647FB Datasheet HTML 8Page - Linear Technology LT10647FB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1064-7
10647fb
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V
+ to V–) .......................... 16.5V
Power Dissipation ............................................. 400mW
Burn-In Voltage ................................................... 16.5V
Voltage at Any Input ..... (V – – 0.3V)
≤ VIN ≤ (V+ + 0.3V)
Storage Temperature Range ................ – 65
°C to 150°C
Operating Temperature Range
LTC1064-7C ....................................... – 40
°C to 85°C
LTC1064-7M OBSOLETE .............. –55
°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ELECTRICAL C
C
HARA TERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.VS = ±7.5V, RL = 10k, TA = 25°C, fCUTOFF = 10kHz or 20kHz, fCLK = 1MHz,
TTL or CMOS level (maximum clock rise and fall time
≤ 1µs) and all gain measurements are referenced to passband gain, unless
otherwise specified. The filter cutoff frequency is abbreviated as fCUTOFF or fC.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain
0.1Hz
≤ f ≤ 0.25 fCUTOFF
fTEST = 5kHz, (fCLK/fC) = 50:1
●
– 0.60
0.10
0.65
dB
Gain at 0.5 fCUTOFF
fTEST = 10kHz, (fCLK/fC) = 50:1
●
– 0.90
– 0.35
0.15
dB
fTEST = 5kHz, (fCLK/fC) = 100:1
●
– 1.30
– 0.35
1.25
dB
Gain at 0.75 fCUTOFF
fTEST = 15kHz, (fCLK/fC) = 50:1
●
– 2.0
–1.0
– 0.35
dB
Gain at fCUTOFF
fTEST = 20kHz, (fCLK/fC) = 50:1
●
– 4.50
– 3.4
– 2.50
dB
fTEST = 10kHz, (fCLK/fC) = 100:1
●
– 5.75
– 4.5
– 3.75
dB
Gain at 2 fCUTOFF
fTEST = 40kHz, (fCLK/fC) = 50:1
●
– 36.5
– 34.0
– 31.75
dB
fTEST = 20kHz, (fCLK/fC) = 100:1
●
– 37.0
– 34.5
– 31.75
dB
Gain with fCLK = 20kHz
fTEST = 200Hz, (fCLK/fC) = 100:1
– 6.5
– 4.3
– 3.5
dB
Gain with fCLK = 400kHz, VS = ±2.375V
fTEST = 4kHz, (fCLK/fC) = 50:1
– 0.9
– 0.3
0.25
dB
fTEST = 8kHz, (fCLK/fC) = 50:1
– 4.5
– 3.3
– 2.00
dB
Phase Factor (
F )
0.1Hz
≤ f ≤ fCUTOFF
Phase = 180
° – F (f/fC)
(fCLK/fC) = 50:1
430
± 2.0
Deg
(Note 2)
(fCLK/fC) = 100:1
421
± 2.5
Deg
(fCLK/fC) = 50:1
●
422
430
437
Deg
(fCLK/fC) = 100:1
●
414
421
429
Deg
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1064-7CN
LTC1064-7CJ
LTC1064-7MJ
ORDER PART
NUMBER
LTC1064-7CSW
TJMAX = 110°C, θJA = 85°C/W
TJMAX = 110°C, θJA = 65°C/W (N)
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO (WIDE)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VIN
GND
V+
GND
NC
LP (A)
INV (A)
RIN (A)
NC
V–
NC
fCLK
50/100
NC
VOUT
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consider the N Package as an Alternate Source
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
NC
VIN
GND
V+
GND
LP (A)
INV (A)
RIN (A)
NC
V–
fCLK
50/100
VOUT
NC
TJMAX = 150°C, θJA = 65°C/W (J)
J PACKAGE 14-LEAD CERAMIC DIP
OBSOLETE PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com