Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4102 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4102
Description  Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4102 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4102 Datasheet HTML 8Page - STMicroelectronics AN4102 Datasheet HTML 9Page - STMicroelectronics AN4102 Datasheet HTML 10Page - STMicroelectronics AN4102 Datasheet HTML 11Page - STMicroelectronics AN4102 Datasheet HTML 12Page - STMicroelectronics AN4102 Datasheet HTML 13Page - STMicroelectronics AN4102 Datasheet HTML 14Page - STMicroelectronics AN4102 Datasheet HTML 15Page - STMicroelectronics AN4102 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Conclusion
AN4102
14/16
Doc ID 023129 Rev 1
4
Conclusion
The STM8AL family of devices offers new opportunities for the automotive world and
combines both a high performance core and an ultra-low power management mechanism.
As more and more vehicles are being equipped with electronic components and since
microcontrollers are much more present in automotive applications, this induces additional
energy constraints, in particular for electrical vehicles. Controlling and reducing the global
power consumption of all these electronic elements is a new challenge for today’s and
tomorrow's automotive developments. The STM8AL family can be a solution to drastically
decrease the power consumption of a standard automotive system.
The example discussed in this document allows you to evaluate the current consumption of
the STM8AL microcontroller in various operating conditions and to demonstrate its low-
power capabilities by directly providing the consumption value to the STM8AL board LCD
panel.
More generally, STM8A-DISCOVERY provides a very low-cost environment that can be
used for additional automotive development projects. The example shown here can be a
useful starting point that can easily be expanded to investigate other aspects of the user's
target application, especially when lowering consumption is of consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com