Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4110 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4110 Datasheet HTML 9Page - STMicroelectronics AN4110 Datasheet HTML 10Page - STMicroelectronics AN4110 Datasheet HTML 11Page - STMicroelectronics AN4110 Datasheet HTML 12Page - STMicroelectronics AN4110 Datasheet HTML 13Page - STMicroelectronics AN4110 Datasheet HTML 14Page - STMicroelectronics AN4110 Datasheet HTML 15Page - STMicroelectronics AN4110 Datasheet HTML 16Page - STMicroelectronics AN4110 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN4110
Receiver parameters
Doc ID 023182 Rev 1
13/18
Figure 11.
RX blocking vs. CW interferer offset with 1% BER, 1.2 kbps data rate
Figure 12.
RX blocking vs. CW interferer offset with 1% BER, 500 kbps data rate
3.3
Receiver spurious radiation
Spurious radiations from the receiver are components at any frequency, radiated by the
equipment and antenna.
A spectrum analyzer is used as external receiver. The measurement is performed setting
the SPIRIT1 with modulation and checking receiver spurious emissions up to 6 GHz as
described in the ETSI [2] subclause 8.6.
The measurement is split into two figures. In Figure 13 the unwanted spurious emission for
frequency below 1 GHz is shown. The measurement is performed setting the instrument
with a resolution bandwidth of 100 kHz, as requested in the ETSI [2]. In Figure 14 the
spurious radiations from the receiver for a frequency from 1 GHz to 6 GHz is shown. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com