Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1164-7 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1164-7
Description  Low Power, Linear Phase 8th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-7 Datasheet(HTML) 2 Page - Linear Technology

  LTC1164-7 Datasheet HTML 1Page - Linear Technology LTC1164-7 Datasheet HTML 2Page - Linear Technology LTC1164-7 Datasheet HTML 3Page - Linear Technology LTC1164-7 Datasheet HTML 4Page - Linear Technology LTC1164-7 Datasheet HTML 5Page - Linear Technology LTC1164-7 Datasheet HTML 6Page - Linear Technology LTC1164-7 Datasheet HTML 7Page - Linear Technology LTC1164-7 Datasheet HTML 8Page - Linear Technology LTC1164-7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1164-7
11647fb
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V
+ to V–) ............................. 16V
Power Dissipation ............................................. 400mW
Burn-In Voltage ...................................................... 16V
Voltage at Any Input ..... (V – – 0.3V)
≤ VIN ≤ (V+ + 0.3V)
Storage Temperature Range ................ – 65
°C to 150°C
Operating Temperature Range
LTC1164-7C ...................................... – 40
°C to 85°C
LTC1164-7M ................................... – 55
°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain
0.1Hz
≤ f ≤ 0.25 fCUTOFF
fTEST = 2kHz, (fCLK/fC) = 50:1
●
– 0.50
– 0.10
0.30
dB
Gain at 0.50 fCUTOFF
fTEST = 4kHz, (fCLK/fC) = 50:1
●
– 0.50
– 0.20
0.30
dB
fTEST = 2kHz, (fCLK/fC) = 100:1
●
– 0.85
– 0.65
0.15
dB
Gain at 0.75 fCUTOFF
fTEST = 6kHz, (fCLK/fC) = 50:1
●
– 1.2
–1.1
0.1
dB
Gain at fCUTOFF
fTEST = 8kHz, (fCLK/fC) = 50:1
●
– 4.1
– 3.4
–1.9
dB
fTEST = 4kHz, (fCLK/fC) = 100:1
●
– 5.5
– 5.2
– 2.5
dB
Gain at 2.0 fCUTOFF
fTEST = 16kHz, (fCLK/fC) = 50:1
●
–37
–34
–30
dB
fTEST = 8kHz, (fCLK/fC) = 100:1
●
–38
–34
–30
dB
Gain with fCLK = 20kHz
fTEST = 200Hz, (fCLK/fC) = 100:1
– 5.7
– 5.2
– 2.5
dB
Gain with fCLK = 400kHz, VS = ±2.375V
fTEST = 4kHz, (fCLK /fC) = 50:1
– 0.50
– 0.2
0.2
dB
fTEST = 8kHz, (fCLK/fC) = 50:1
– 3.75
– 3.4
– 2.5
dB
Phase Factor (
F )
0.1Hz
≤ f ≤ fCUTOFF
Phase = 180
° – F (f/fC)
(fCLK/fC) = 50:1
435
± 2
Deg
(Note 2)
(fCLK/fC) = 100:1
428
± 2
Deg
(fCLK/fC) = 50:1
●
430
442
Deg
(fCLK/fC) = 100:1
●
423
434
Deg
Phase Nonlinearity
(fCLK/fC) = 50:1
±1.0
%
(Note 2)
(fCLK/fC) = 100:1
±1.0
%
(fCLK/fC) = 50:1
●
±2.0
%
(fCLK/fC) = 100:1
●
±2.5
%
PACKAGE/ORDER I FOR ATIO
TJMAX = 110°C, θJA = 85°C/W
TJMAX = 150°C, θJA = 65°C/W (J)
TJMAX = 110°C, θJA = 65°C/W (N)
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
NC
VIN
GND
V+
GND
LP6
CONNECT 1
CONNECT 2
NC
V–
fCLK
50/100
VOUT
NC
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO (WIDE)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VIN
GND
V+
GND
NC
LP6
CONNECT 1
CONNECT 2
NC
V–
NC
fCLK
50/100
NC
VOUT
ORDER PART
NUMBER
LTC1164-7CSW
ORDER PART
NUMBER
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±7.5V, RL = 10k, fCUTOFF = 8kHz or 4kHz, fCLK = 400kHz, TTL or CMOS
level and all gain measurements are referenced to passband gain, unless otherwise specified. (Maximum clock rise or fall time
≤ 1µs.)
The filter cutoff frequency is abbreviated as fCUTOFF or fC.
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consider the N Package as an Alternate Source
TJMAX = 150°C, θJA = 65°C/W (J)
J PACKAGE 14-LEAD CERAMIC DIP
OBSOLETE PACKAGE
LTC1164-7CN
LTC1164-7CJ
LTC1164-7MJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com