Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4125 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4125
Description  ST has published various supporting application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4125 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4125 Datasheet HTML 7Page - STMicroelectronics AN4125 Datasheet HTML 8Page - STMicroelectronics AN4125 Datasheet HTML 9Page - STMicroelectronics AN4125 Datasheet HTML 10Page - STMicroelectronics AN4125 Datasheet HTML 11Page - STMicroelectronics AN4125 Datasheet HTML 12Page - STMicroelectronics AN4125 Datasheet HTML 13Page - STMicroelectronics AN4125 Datasheet HTML 14Page - STMicroelectronics AN4125 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN4125
Recommendations when developing the M24LRxxE_R application software
Doc ID 023297 Rev 1
13/15
2.2
Issuing a command through the RF channel
Case 1: the M24LRxxE_R is processing an I²C command
If the M24LRxxE_R is processing a command from the I²C channel, no command issued on
the RF channel will be executed (the RF command will not provide any response) when the
M24LRxxE_R is I²C busy.
The application’s RF software should include an “I²C busy polling loop” (including a timeout
as there might not be a response) when issuing an RF command. In this way, the RF
command is always correctly executed once the I²C commands under execution are
completed.
Case 2: the M24LRxxE_R application is powered on
The first condition for a safe design of an M24LRxxE_R application is that all the sensitive
data stored in the M24LRxxE_R memory are protected with RF passwords, so that a
spurious RF command could not modify these data.
The second condition for a safe application design is that the application Master fully
controls the M24LRxxE_R. We know that, as explained in Section 2.1.2, if the VCC pin is not
supplied, and the RF field drops to zero while the M24LRxxE_R is decoding an RF
command, then the M24LRxxE_R is reset. This means that the Master has to supply the
M24LRxxE_R’s VCC pin only during an I²C transfer, and leave the VCC pin floating the rest of
the time (see Figure 10).
Depending on the application’s RF data transfer flow, it might also be wise to add a third
level of safety:
●
once an RF session (several commands) is completed, blindly send a Write-sector
Password command with a wrong password value: this will set the internal flag defining
the status of the presented password (flag set as “wrong password presented”).
Case 3: the M24LRxxE_R application is not powered
This is the typical case where the application is packed in a box (at the end of the production
line) and the data update is performed through RF.
The only condition for a safe application design is that the sensitive data stored in the
M24LRxxE_R memory are protected with RF passwords, so that a spurious RF command
could not modify these data.
Table 4.
M24LRxxE_R status according to command and VCC supply
Command processed
by the M24LRxxE_R
VCC pin status
Device status
I²C command
VCC supplied
I²C busy state
RF command
VCC supplied
or VCC = high impedance
The M24LRxxE_R is fully dedicated to RF
commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com