Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2302 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 2 Page - Linear Technology

  LTC2302 Datasheet HTML 1Page - Linear Technology LTC2302 Datasheet HTML 2Page - Linear Technology LTC2302 Datasheet HTML 3Page - Linear Technology LTC2302 Datasheet HTML 4Page - Linear Technology LTC2302 Datasheet HTML 5Page - Linear Technology LTC2302 Datasheet HTML 6Page - Linear Technology LTC2302 Datasheet HTML 7Page - Linear Technology LTC2302 Datasheet HTML 8Page - Linear Technology LTC2302 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2302/LTC2306
2
23026fa
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD, OVDD).........................–0.3V to 6V
Analog Input Voltage (Note 3)
CH0(IN+)-CH1(IN–),
REF ..............................(GND – 0.3V) to (VDD + 0.3V)
Digital Input Voltage
(Note 3).............................(GND – 0.3V) to (VDD + 0.3V)
(Notes 1, 2)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2302CDD#PBF
LTC2302CDD#TRPBF
LDGV
10-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2302IDD#PBF
LTC2302IDD#TRPBF
LDGV
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2306CDD#PBF
LTC2306CDD#TRPBF
LDGW
10-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2306IDD#PBF
LTC2306IDD#TRPBF
LDGW
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
TOP VIEW
11
LTC2302
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
OVDD
SCK
SDI
GND
VREF
SDO
CONVST
VDD
IN+
IN–
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
11
LTC2306
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
OVDD
SCK
SDI
GND
VREF
SDO
CONVST
VDD
CH0
CH1
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
Digital Output Voltage ... (GND – 0.3V) to (OVDD + 0.3V)
Power Dissipation ...............................................500mW
Operating Temperature Range
LTC2302C/LTC2306C ............................... 0°C to 70°C
LTC2302I/LTC2306I..............................–40°C to 85°C
Storage Temperature Range...................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com