Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4174 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4174
Description  Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4174 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4174 Datasheet HTML 9Page - STMicroelectronics AN4174 Datasheet HTML 10Page - STMicroelectronics AN4174 Datasheet HTML 11Page - STMicroelectronics AN4174 Datasheet HTML 12Page - STMicroelectronics AN4174 Datasheet HTML 13Page - STMicroelectronics AN4174 Datasheet HTML 14Page - STMicroelectronics AN4174 Datasheet HTML 15Page - STMicroelectronics AN4174 Datasheet HTML 16Page - STMicroelectronics AN4174 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN4174
Transmitter
Doc ID 023728 Rev 1
13/21
3.2
Permissible value of the occupied bandwidth
The permissible value for an occupied bandwidth (the bandwidth in which the mean powers
radiated below its lower frequency limit and above its upper frequency limit are each equal
to 0.5% of the total mean power radiated by a given emission, which is 99% of the powers)
is 8.5 kHz. However, for transmitters emitting radio waves in an occupied bandwidth over 8.5
kHz and up to 16 kHz, the value is 16 kHz.
The measurements of these parameters are reported in figures 4 to 7. In Figure 4 and
Figure 5 99% of the emitted power is concentrated in 8.5 kHz, in Figure 6 and Figure 7 99%
of the emitted power is integrated in the 16 kHz bandwidth.
3.3
Permissible values of spurious emission or unwanted
emission
Spurious emission refers to the emission on a frequency or frequencies which are outside
the permitted bandwidth and the level of which may be reduced without affecting the
corresponding transmission of information, including a high harmonic emission, a low
harmonic emission, a parasitic emission and an intermodulation product, but excluding an
out-of-band emission.
Out-of-band emission refers to the emission which results from the modulation process on a
frequency or frequencies outside the permitted bandwidth.
Unwanted emission refers to the emission consisting of the spurious emission and the out-
of-band emission.
The permissible value of the unwanted emission intensity refers to the permissible value
defined according to the mean power of unwanted emissions of each modulated frequency
supplied to the feeder. The permissible value of the unwanted emission intensity is 2.5 µW (-
26 dBm) or lower, as measured in the average power.
The spurious emission measurements are reported in figures 8 and 9. In Figure 8 the
spurious emission below 1 GHz is reported, in Figure 9 spurious emission above 1 GHz is
reported. In the two images the ARIB STD-T67 specification mask is also reported.
The SPIRIT1 meets the spurious emission requirements with margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com