Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4195 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4195
Description  STM32F30x ADC modes and application
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4195 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4195 Datasheet HTML 16Page - STMicroelectronics AN4195 Datasheet HTML 17Page - STMicroelectronics AN4195 Datasheet HTML 18Page - STMicroelectronics AN4195 Datasheet HTML 19Page - STMicroelectronics AN4195 Datasheet HTML 20Page - STMicroelectronics AN4195 Datasheet HTML 21Page - STMicroelectronics AN4195 Datasheet HTML 22Page - STMicroelectronics AN4195 Datasheet HTML 23Page - STMicroelectronics AN4195 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID023897 Rev 1
21/24
Dual modes
1.
Configure the ADC master (channels to be converted, sampling times, etc.).
2.
Configure the ADC slave (channels to be converted, sampling times, etc.).
3.
Configure the ADC master external trigger to be used to trigger the injected conversion
for both master and slave.
4.
Select the dual mode by setting MULTI[4:0] to ‘01001’ to select the alternate trigger
mode.
5.
Select the ADC clock mode by setting the CKMODE[1:0] bits to the desired value.
The JEOS flags and interrupts for master and slave are used to read the converted data.
If enabled, a JEOS interrupt is generated after conversion of all injected channels of the
master ADC in the group. The converted data can then be read from the ADC_JDRx master
registers.
If enabled, a JEOS interrupt is generated after conversion of all injected channels of the
slave ADC in the group. The converted data can then be read from the ADC_JDRx slave
registers.
3.4.1
Application example
The dual alternate trigger mode makes it possible to have sampling points as close as
possible to each other (down to 1.5 ADC cycles). This is interesting for instance in motor
control applications, where a single-shunt sensor is used for three-phase current reading. In
some cases, the PWM duty cycle of the power stage has to be limited to maintain a
minimum time slot for two consecutive conversions. If the sampling points are as close as
possible, the PWM duty cycle is maximized, which increases the voltage applied to the
motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com