Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2907 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2907
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907 Datasheet(HTML) 2 Page - Linear Technology

  LTC2907 Datasheet HTML 1Page - Linear Technology LTC2907 Datasheet HTML 2Page - Linear Technology LTC2907 Datasheet HTML 3Page - Linear Technology LTC2907 Datasheet HTML 4Page - Linear Technology LTC2907 Datasheet HTML 5Page - Linear Technology LTC2907 Datasheet HTML 6Page - Linear Technology LTC2907 Datasheet HTML 7Page - Linear Technology LTC2907 Datasheet HTML 8Page - Linear Technology LTC2907 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2906/LTC2907
2
29067f
TOP VIEW
DDB8 PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
DDB8 PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
EXPOSED PAD IS GND (PIN 9),
MUST BE SOLDERED TO PCB
*RST FOR LTC2906
TMR FOR LTC2907
9
GND
RST
RST/TMR*
VCC
TOL
S1
VADJ
V1
Terminal Voltages
V1, VCC ........................................................ –0.3V to 7V
S1, VADJ, TOL ............................ –0.3V to (VMAX + 0.3V)
RST ............................................................. –0.3V to 7V
RST (LTC2906) ............................................ –0.3V to 7V
TMR (LTC2907) ........................................... –0.3V to 7V
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 2)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = V1 = 2.5V, VADJ = 0.55V, S1 = TOL = 0V, unless otherwise noted.
(Notes 2, 3, 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT50
5V, 5% Reset Threshold
V1 Input Threshold
q
4.600
4.675
4.750
V
5V, 7.5% Reset Threshold
q
4.475
4.550
4.625
V
5V, 10% Reset Threshold
q
4.350
4.425
4.500
V
VRT33
3.3V, 5% Reset Threshold
V1 Input Threshold
q
3.036
3.086
3.135
V
3.3V, 7.5% Reset Threshold
q
2.954
3.003
3.053
V
3.3V, 10% Reset Threshold
q
2.871
2.921
2.970
V
VRT25
2.5V, 5% Reset Threshold
V1 Input Threshold
q
2.300
2.338
2.375
V
2.5V, 7.5% Reset Threshold
q
2.238
2.275
2.313
V
2.5V, 10% Reset Threshold
q
2.175
2.213
2.250
V
VRTADJ
ADJ, 5% Reset Threshold
VADJ Input Threshold
q
0.492
0.500
0.508
V
ADJ, 7.5% Reset Threshold
q
0.479
0.487
0.495
V
ADJ, 10% Reset Threshold
q
0.465
0.473
0.481
V
VMAX(MIN)
Minimum VMAX Operating Voltage (Note 2) RST, RST in Correct Logic State
q
1V
IVCC
VCC Input Current
VCC > V1
q
54
100
µA
V1 > VCC
q
±1
µA
IV1
V1 Input Current
VCC > V1
q
13
µA
V1 > VCC
q
55
100
µA
IVADJ
VADJ Input Current
q
±15
nA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
DDB8 PART MARKING
TJMAX = 125°C, θJA = 250°C/W
LBDC
LBDD
LBDF
LBDG
ORDER PART
NUMBER
TS8 PART MARKING
TJMAX = 125°C, θJA = 250°C/W
LTC2906CDDB
LTC2906IDDB
LTC2907CDDB
LTC2907IDDB
LTC2906CTS8
LTC2906ITS8
LTC2907CTS8
LTC2907ITS8
Operating Temperature Range
LTC2906C/LTC2907C .............................. 0
°C to 70°C
LTC2906I/LTC2907I ............................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
VCC 1
RST/TMR* 2
RST 3
GND 4
8 V1
7 VADJ
6 S1
5 TOL
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
*RST FOR LTC2906
TMR FOR LTC2907
LTBCM
LTBCN
LTBCP
LTBCQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com