Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-101F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX-101F
Description  Ultra-thin, thickness 0.75mm. (3.2횞2.5횞0.75mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX-101F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX-101F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CX-101F
SMD
sFeatures
¡Ultra-thin, thickness 0.75mm. (3.2
×2.5×0.75mm)
¡Because it is the leadless type, automatic mounting is possible.
¡Excels even in an environment that requires reliability.
¡Reflow is possible.
sSpecifications
sOutline
*Taping item packaging : one unit 1,000 pcs or 3,000 pcs
Over The Oper.
Temp. Range
10~55Hz, amplitude 1.5mm, each to 3 directions, 2 hours each
Frequency
Tolerance
Shock
Three drops onto a hard wood board from the height of 20cm
Vibration
Shunt Capacitance
Drive Lavel
Equivalent Series Resistance
Type
Frequency Range
Standard Frequency
Operating Temp. Range
Storage Temp. Range
at 25
:
Load Capacitance
16~30MHz 100
Ω
30~54MHz
50
Ω
7pF MAX.
0.1mW MAX.
CX-101F
16~54MHz
Table 1
-10~+70
:
-10~+70
:
±15, ±20, ±30, ±50×10 –6
±15, ±20, ±30, ±50×10 –6 (referred to 25:)
12pF
sLand Pattern(reference)
3.2
±0.15
1.2
CONNECTION
(TOP VIEW)
GND
HOT
HOT
GND
4-R0.2
1.0
3.6
Dimensions(mm)
CX-101F
sTable 1
Standard Frequencies
20.000
22.57954
24.576
27.000
32.000
45.1584
48.000
Standard Frequency (MHz)


Similar Part No. - CX-101F

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
CX-10 FLEXTRAL-CX-10 Datasheet
1Mb / 1P
CX SIX SPIRAL HOSE
V04.21
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
More results

Similar Description - CX-101F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
Ultra-thin, thickness 1.1mm or less.
logo
Nihon Kaiheiki Industry...
GB215AP NKK-GB215AP Datasheet
141Kb / 4P
Ultra-Thin Pushbuttons
GW12RBP NKK-GW12RBP Datasheet
147Kb / 4P
Ultra-Thin Rockers
logo
Maxim Integrated Produc...
21-0140 MAXIM-21-0140 Datasheet
59Kb / 2P
PACKAGE OUTLINE, 16,20,28,32,40L THIN QFN, 5*5*0.75MM
REV .Q
21-0141 MAXIM-21-0141 Datasheet
104Kb / 2P
PACKAGE OUTLINE, 36,40,48L THIN QFN, 6*6*0.75MM
Rev N
21-0144 MAXIM-21-0144_12 Datasheet
128Kb / 2P
PACKAGE OUTLINE 32,44,48,56L THIN QFN, 7*7*0.75MM
REV .K
logo
Seoul Semiconductor
STW8Q14C SEOUL-STW8Q14C Datasheet
3Mb / 27P
Lead Frame type LED PKG size: 5.6*3.0 thickness 0.75mm
logo
List of Unclassifed Man...
GB215AB ETC2-GB215AB Datasheet
147Kb / 4P
Ultra-Thin Pushbuttons
GW12RCP ETC2-GW12RCP Datasheet
135Kb / 4P
Ultra-Thin Rockers
logo
Molex Electronics Ltd.
0762910068 MOLEX1-0762910068_17 Datasheet
36Kb / 2P
EdgeLine CoPlanar Connector, 6 Gbps, 0.75mm Pitch, 1.57mm PCB Thickness
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com