Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4277 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4277
Description  Using STM32F3 Series PWM shut-down features for motor control and digital power conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4277 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4277 Datasheet HTML 9Page - STMicroelectronics AN4277 Datasheet HTML 10Page - STMicroelectronics AN4277 Datasheet HTML 11Page - STMicroelectronics AN4277 Datasheet HTML 12Page - STMicroelectronics AN4277 Datasheet HTML 13Page - STMicroelectronics AN4277 Datasheet HTML 14Page - STMicroelectronics AN4277 Datasheet HTML 15Page - STMicroelectronics AN4277 Datasheet HTML 16Page - STMicroelectronics AN4277 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DocID024409 Rev 2
13/23
AN4277
Examples
22
Comparator 4
output is
connected
internally to
TIM1 BRK and
filter is not
configured.
Low
The PWM signal is stopped during the break signal low level, as shown in the
following screen shot:
Comparator 4
output is
connected
internally to
TIM1 BRK and
filter is
configured.
High
During the window defined by the filter duration, the break event has no impact
on the PWM generation even if the break condition is verified.
This is the case of the following example (screen shot) where the PWM signal is
generated normally when the break signal is at high level during the window
defined by the filter.
– The filter duration is 666 ns (BKF = 1000b, Filter duration is (6*8/fDTS),
fDTS = 72 MHz).
– The comparator output high level duration is 1.207 µs.
Table 3. Scenarios of PWM output status in response to internal/external break events (continued)
Configuration
Programmed
polarity
Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com