Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-49 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX-49
Description  For ECU.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX-49 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX-49 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CX-49F
SMD
sFeatures
¡For ECU.
¡It is a 5mm height, compact, J lead crystal unit for surface
mounting.
¡Metal case, J lead type.
¡For self-loading.
¡Reflow soldering.
¡Excels even in a resistance to heat.
sSpecifications
sTable 1 Standard Frequencies
sOutline
Type
CX-49F
Standard Frequency
Operating Temp. Range
Overtone Order
Storage Temp. Range
Frequency
Tolerance
at 25
:
Over The Oper.
Temp. Range
Equivalent Series Resistance
Load Capacitance
Shock
Vibration
Three drops onto a hard wood board
from the height of 100cm
10~55Hz, amplitude 1.5mm, each to 3
directions, 6 hours each
Frequency Range
Application
Automotive engine control
4~20MHz
Table 1
-40~+125
:
-40~+150
:
±100×10-6
±200×10-6(referred to 25:)
Table 1
Table 1
Fundamental
200
200
120
90
90
70
50
50
50
4.000
5.000
6.000
8.000
10.000
12.000
16.000
18.000
20.000
Equivalent series
resistance (
ΩMAX.)
Frequency (MHz)
Load capacitance
(pF)
12
12
12
12
12
12
12
12
12
sLand Pattern(reference)
1.6
1.6
1.4
11.4
±0.3
4.88
±0.2
CONNECTION
7.7
5.0
2.7
Dimensions(mm)
CX-49F


Similar Part No. - CX-49

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-49 KSS-CX-49 Datasheet
117Kb / 1P
It is a 4.5mm high, compact, crystal unit for surface mounting.
logo
Panasonic Semiconductor
CX-491 PANASONIC-CX-491 Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
CX-491-P PANASONIC-CX-491-P Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
CX-491A-C05-Y PANASONIC-CX-491A-C05-Y Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
CX-491A-P-C05-Y PANASONIC-CX-491A-P-C05-Y Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results

Similar Description - CX-49

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT10-2022SCF HIROSE-GT10-2022SCF Datasheet
177Kb / 8P
Subminiature ECU Interface Connectors
GT12-2022PCF HIROSE-GT12-2022PCF Datasheet
109Kb / 4P
2 mm Pitch, Miniature ECU Connectors
logo
Panasonic Semiconductor
UP04316 PANASONIC-UP04316 Datasheet
108Kb / 4P
For switching & For digital circuits
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Renesas Technology Corp
32171 RENESAS-32171 Datasheet
3Mb / 772P
32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
32180 RENESAS-32180 Datasheet
3Mb / 839P
32-Bit RISC Single-Chip Microcomputers M32R Family M32R/ECU Series
32182 RENESAS-32182 Datasheet
3Mb / 755P
32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
logo
STMicroelectronics
AN3044 STMICROELECTRONICS-AN3044 Datasheet
234Kb / 20P
ECU level diagnostic with SPC563Mx and SPC564Ax
17-Sep-2013
logo
TDK Electronics
ZCAT08V-BK TDK-ZCAT08V-BK Datasheet
101Kb / 7P
Clamp Filters (Ferrite Core with Case) For automobile ECU
logo
STMicroelectronics
L9131 STMICROELECTRONICS-L9131 Datasheet
37Kb / 1P
Auto ECU Board Drive Chip SOP 36 Pin Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com