Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4286 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4286
Description  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 16Page - STMicroelectronics AN4286 Datasheet HTML 17Page - STMicroelectronics AN4286 Datasheet HTML 18Page - STMicroelectronics AN4286 Datasheet HTML 19Page - STMicroelectronics AN4286 Datasheet HTML 20Page - STMicroelectronics AN4286 Datasheet HTML 21Page - STMicroelectronics AN4286 Datasheet HTML 22Page - STMicroelectronics AN4286 Datasheet HTML 23Page - STMicroelectronics AN4286 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
DocID024458 Rev 2
20/38
AN4286
Bootloader command set
37
Figure 15. Go command: slave side
2.7
Write Memory command
The Write Memory command is used to write data to any valid memory address (see note
below) of the RAM, Flash memory or Option byte area.
When the bootloader receives the Write Memory command, it transmits the ACK byte to the
application. After transmission of the ACK byte, the bootloader waits for an address
(4 bytes, byte 1 being the address MSB and byte 4 being the LSB) and a checksum byte,
and then checks the received address.
If the received address is valid and the checksum is correct, the bootloader transmits an
ACK byte; otherwise it transmits a NACK byte and aborts the command. When the address
is valid and the checksum is correct, the bootloader then does the following.
•
Gets a byte, N, which contains the number of data bytes to be received.
•
Receives the user data ((N + 1) bytes) and the checksum (XOR of N and of all data
bytes).
•
Programs the user data to memory starting from the received address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com