Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-49 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX-49
Description  It is a 4.5mm high, compact, crystal unit for surface mounting.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX-49 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX-49 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CX-49G
SMD
sFeatures
¡It is a 4.5mm high, compact, crystal unit for surface mounting.
¡It is able to cope by means of a metal case and completely
sealed high resolution characteristics.
¡Copes with high density mounting and is optimum for mass
production models.
sSpecifications
sTable 1 Standard Frequencies
sOutline
CX-49G
3.2~54MHz
Table 1
±15, ±30, ±50×10–6
±15, ±30, ±50×10–6
(referred to 25
:)
-10~+70
:
40~+85
:
3.2~9.999MHz
16pF
4.194303MHz
11.5pF
7.2MHz
10pF
10~54MHz
12pF
Table 1
(3rd O.T. 150
Ω)
Type
Frequency Range
Standard Frequency
Frequency Tolerance (at 25
:)
Frequency Tolerance Over the Operating Temp. Range
Operating Temp. Range
Storage Temp. Range
Load Capacitance
Equivalent Series Resistance
* Taping item packaging : one unit 1,000 pcs
Frequency
(MHz)
Equivalent Series
Resistance
(
ΩMAX.)
Frequency
(MHz)
Equivalent Series
Resistance
(
ΩMAX.)
* Please inquire about frequencies other than the above.
3.2000
300
3.579545
150
3.6864
150
4.000
150
4.194304
120
4.332
120
4.433619
120
4.500
120
4.9152
100
6.000
90
6.144
90
7.200
90
7.3728
90
8.000
90
8.4872
90
9.8304
90
10.000
90
10.240
90
10.738635
90
11.000
90
11.0592
90
12.000
70
12.288
70
13.500
50
14.31818
50
16.000
50
16.9344
50
17.734476
50
20.000
50
21.47727
50
24.000
50
24.576
50
27.000
50
sLand Pattern(reference)
10.21MAX.
4.8MAX.
12.3
±0.2
4.5
±0.1
10.8
±0.2
5.5
9.5
Dimensions(mm)
CX-49G


Similar Part No. - CX-49

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-49 KSS-CX-49 Datasheet
153Kb / 1P
For ECU.
logo
Panasonic Semiconductor
CX-491 PANASONIC-CX-491 Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
CX-491-P PANASONIC-CX-491-P Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
CX-491A-C05-Y PANASONIC-CX-491A-C05-Y Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
CX-491A-P-C05-Y PANASONIC-CX-491A-P-C05-Y Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results

Similar Description - CX-49

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT31 ACT-ACT31 Datasheet
54Kb / 1P
a compact crystal resonator
07/09/04
logo
NIHON DEMPA KOGYO
NX1210AB NDK-NX1210AB Datasheet
753Kb / 1P
Ultra compact and thin surface-mount type crystal unit.
NX2016GC NDK-NX2016GC Datasheet
745Kb / 1P
High reliability small surface-mount type crystal unit for automotive.
logo
KODENSHI_AUK CORP.
HPI25 KODENSHI-HPI25 Datasheet
425Kb / 6P
It is a photodiode corresponding to the surface mounting
logo
ECS, Inc.
CSM-9 ECS-CSM-9_17 Datasheet
571Kb / 2P
The CSM-9 is a compact SMD Crystal
ECS-23G ECS-ECS-23G Datasheet
632Kb / 2P
The minature ECS-23G is a compact SMD Crystal
ECS-33B ECS-ECS-33B Datasheet
587Kb / 2P
The miniature ECS-33B is a compact SMD Crystal
ECX-32 ECS-ECX-32_17 Datasheet
573Kb / 2P
The sub miniature ECX-32 is a compact SMD Crystal
ECX-42 ECS-ECX-42_17 Datasheet
540Kb / 2P
The miniature ECX-42 is a compact SMD Crystal
ECX-2236 ECS-ECX-2236_17 Datasheet
632Kb / 2P
The miniature ECX-2236 is a compact SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com