Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX-5F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX-5F
Description  Compact, thin. (11.8횞5.5횞2.5mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX-5F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX-5F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CX-5F
SMD
sFeatures
¡Compact, thin. (11.8
×5.5×2.5mm)
¡For self-loading.
¡Ceramic package leadless type.
¡Emboss taping.
¡Reflow soldering.
¡The oscillation circuit can obtain sufficient output at the inverter
stage.
sSpecifications
sTable 1 Standard Frequencies
sTable 2
Standard Frequencies (MHz)
sOutline
sLand Pattern(reference)
Type
CX-5F
Table 2
12pF
Standard Frequency
-10~+70
:
Operating Temp. Range
Overtone Order
-40~+85
:
Storage Temp. Range
Frequency
Tolerance
at 25
:
Over The Oper. Temp. Range
Equivalent Series Resistance
Load Capacitance
Shock
Vibration
∆F/F : ±10×10-6
Three drops onto a hard wood board from the height of 20cm
∆F/F : ±10×10-6
10~55Hz, amplitude 1.5mm, each to 3 directions, 2 hours each
* Taping item packaging : one unit 1,000pcs
Frequency Range
3.5~60MHz
3.5~29MHz : Fundamental
29~60MHz : 3rd O.T.
3.5~ 3.999MHz 300
Ω MAX. 12.0~28.999MHz 100Ω MAX.
4.0~ 7.999MHz 200
Ω MAX. 29~60MHz
150
Ω MAX.
8.0~11.999MHz 120
Ω MAX.
Drive Level
0.3mW MAX.
Table 1
Table 1
±15, ±30, ±50×10-6
±15, ±30, ±50×10-6 (referred to 25:)
300
200
100
100
3.579545
4.433619
Equivalent Series Resistance
(
ΩMAX.)
Frequency (MHz)
Load capacitance (pF)
14.31818
17.734476
Series/16
Series/16
Series/12
Series/12
3.579545
3.6864
4.000
6.000
8.000
12.000
14.31818
16.000
16.9344
19.6608
20.000
* Please inquire about frequencies other than the above.
11.8
±0.3
7.0
CONNECTION
2.0
7.7
5.0
2.7
Dimensions(mm)
CX-5F


Similar Part No. - CX-5F

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-5-SM EUROQUARTZ-CX-5-SM Datasheet
130Kb / 2P
CX MINIATURE CRYSTALS
CX-5-SM110.0A EUROQUARTZ-CX-5-SM110.0A Datasheet
130Kb / 2P
CX MINIATURE CRYSTALS
CX-5-SM110.0B EUROQUARTZ-CX-5-SM110.0B Datasheet
130Kb / 2P
CX MINIATURE CRYSTALS
CX-5-SM110.0C EUROQUARTZ-CX-5-SM110.0C Datasheet
130Kb / 2P
CX MINIATURE CRYSTALS
CX-5-SM310.0A EUROQUARTZ-CX-5-SM310.0A Datasheet
130Kb / 2P
CX MINIATURE CRYSTALS
More results

Similar Description - CX-5F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S561 SHARP-GP1S561 Datasheet
55Kb / 4P
Compact and Thin Photointerrupter
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP2L23L SHARP-GP2L23L Datasheet
45Kb / 4P
Compact, Thin Type Photointerrupter
logo
Rohm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
logo
Omron Electronics LLC
EE-SPW421-A OMRON-EE-SPW421-A Datasheet
206Kb / 4P
Compact, Thin-profile Photomicrosensor with special amplifier
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
Ultra compact, thin size 1.0x0.6mm
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
Ultra compact, thin size 1.0x0.6mm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
Ultra compact, thin size
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
Ultra compact, thin size
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
Thin, ultra-compact package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com