Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0991 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TN0991
Description  Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0991 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TN0991 Datasheet HTML 9Page - STMicroelectronics TN0991 Datasheet HTML 10Page - STMicroelectronics TN0991 Datasheet HTML 11Page - STMicroelectronics TN0991 Datasheet HTML 12Page - STMicroelectronics TN0991 Datasheet HTML 13Page - STMicroelectronics TN0991 Datasheet HTML 14Page - STMicroelectronics TN0991 Datasheet HTML 15Page - STMicroelectronics TN0991 Datasheet HTML 16Page - STMicroelectronics TN0991 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID024463 Rev 2
13/21
TN0991
Soldering assembly recommendations
20
3
Soldering assembly recommendations
3.1
PCB design recommendations
For optimum electrical performance and highly reliable solder joints, ST follows the PCB
design guidelines listed in Table 4 and Table 5.
PCB pad positioning and size must properly designed to optimize the natural self-centering
effect of the WLCSP on the PCB.
Note:
A too thick gold layer finishing on the PCB pad is not recommended since it results in low
joint reliability.
Micro vias
An alternative to routing on the top surface is to route out on buried layers. To achieve this,
the pads must be connected to the lower layers using micro vias.
3.2
PCB assembly guidelines
To mount a WLCSP on a PCB, ST recommends the use of a solder stencil with an aperture
of 330 x 330 μm2 maximum and a stencil typical thickness of 125 μm. WLCSP are fully
compatible with the use of near-eutectic SAC solder paste with no-clean flux.
ST has qualified WLCSP packages using JEDEC STD-020D soldering reflow profile shown
in Figure 8:
•
Dwell time in the soldering zone (with temperature higher than 220 °C) has been kept
as short as possible to prevent component and substrate damages.
•
Peak temperature must not exceed 260 °C.
•
Controlled atmosphere (N2 or N2H2) is recommended during the whole reflow,
especially when the temperature is above 150 °C.
Table 4. PCB design recommendation for 0.5 mm ball pitch packages
PCB design list
Recommendation
PCB pad design
Non-solder mask defined micro via underbump allowed
PCB pad size
Ø = 300 μm max (circular) - 250 μm recommended
Solder mask opening
Ø = 340 μm min (for 300 μm diameter pad)
PCB pad finishing
Cu - Ni (2-6 μm) - Au (0.2 μm max)
Table 5. PCB design recommendation for 0.4 mm ball pitch packages
PCB design list
Recommendation
PCB pad design
Non-solder mask defined micro via underbump allowed
PCB pad size
Ø = 260 μm max (circular) - 220 μm recommended
Solder mask opening
Ø = 300 μm min (for 260 μm diameter pad)
PCB pad finishing
Cu - Ni (2-6 μm) - Au (0.2 μm max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com