Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HER201
Description  High Efficiency Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER201 Datasheet(HTML) 1 Page - Leshan Radio Company

  HER201_15 Datasheet HTML 1Page - Leshan Radio Company HER201_15 Datasheet HTML 2Page - Leshan Radio Company HER201_15 Datasheet HTML 3Page - Leshan Radio Company HER201_15 Datasheet HTML 4Page - Leshan Radio Company HER201_15 Datasheet HTML 5Page - Leshan Radio Company HER201_15 Datasheet HTML 6Page - Leshan Radio Company HER201_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Deffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 2.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-15, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.015 oz., 0.40 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
HER201 thru HER208
15
1.85
1.30
1.00
–50 to +150
2.0
60
100
55
5.0
200
50
70
Reverse Voltage 50 to 1000V
Forward Current 2.0A
High Efficiency Rectifiers
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3


Similar Part No. - HER201_15

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
HER201 CTC-HER201_15 Datasheet
66Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Rugao Dachang Electroni...
HER201 DACHANG-HER201_15 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers
logo
GOOD-ARK Electronics
HER201 GOOD-ARK-HER201_15 Datasheet
190Kb / 2P
High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
Galaxy Semi-Conductor H...
HER201 BILIN-HER201_15 Datasheet
268Kb / 2P
HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201_15

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com