Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # HER201G
Description  Glass Passivated Junction
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER201G Datasheet(HTML) 4 Page - Leshan Radio Company

  HER201G_15 Datasheet HTML 1Page - Leshan Radio Company HER201G_15 Datasheet HTML 2Page - Leshan Radio Company HER201G_15 Datasheet HTML 3Page - Leshan Radio Company HER201G_15 Datasheet HTML 4Page - Leshan Radio Company HER201G_15 Datasheet HTML 5Page - Leshan Radio Company HER201G_15 Datasheet HTML 6Page - Leshan Radio Company HER201G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Unit:mm
A:卷盘规格/Reel spec.
W1 W
W1
Item
Symbol
Dimension
Label stike this position
A
76.4±0.1
B
82.5±0.2
C
330±0.5
Width
W
72±0.2
Thickness
W1
3±0.2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
350±2
W
350±2
H
340±4
H
按以上包装方式:(As per the above spec)
DO-15
4K
16K
Q'ty/Taping
5K
1.4K
Q'ty/Packing Case
20K
5.6K
Size
W
L
外型/Outside
DO-41 & A-405
DO-201AD
Packing Of Plastic-Sealed Axial Lead Diodes
A
B C
Dimeter
1.卷盘/Reel Packing(52mm)
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com