Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSO-1D Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # FSO-1D
Description  Ultra Low Jitter.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FSO-1D Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  FSO-1D Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FSO-1D
sFeatures
¡Ultra Low Jitter.
¡Complementary LVPECL Outputs.
¡Operation at fundamental High Frequency.
sApplications
¡SONET/SDH.
¡1 Gbit Ethernet, 10Gbit Ethernet.
¡Fiber Channel.
sSpecifications
Type
FSO-1D
Frequency Range
Standard Frequency
Frequency Stability
Operation Temperature Range
Storage Temperature Range
Supply Voltage
Current
Load
Output Level
Symmetry
Raise Time/Fall Time
Start-up Time
Jitter (
σ)
Weight
50~330MHz
Table 1
±100×10−6 (All over)
±0~+70:
−40~+85:
3.3V
±5%
50mA max.
50
Ω Terminated Vcc−2V
Voh: 2.275V min./Vol: 1.68V max.
50%
±5% at outputs cross point
1ns max.(20%,80%)
10ms max.
5ps rms max.
0.2g
sTable 1 Original Frequencies
Table 1
Standard Frequency (MHz)
80
125
155.52
156.25
250
312.5
sOutline
sLand Pattern (reference)
sTypical External Component Connection
250A1AA
KSS 2G
1.40
2.54
2.00max.
Pad Layout
1. Mute
2. NC
3. GND
4. OUT
5. OUT
6. VCC
2.54
7.00+/-0.2
1.10
#6
#5
#4
#6
#5
#4
#1
#2
#3
#1
#2
#3
+2.0V
-1.3V
By-Pass
Capacitor
Enable
50 ohms
50 ohms
Disable
VCC OUT
A
OUT
Mute NC GND
1.6
2.54
2.54
FSO-1D
Original Size


Similar Part No. - FSO-1D

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
FSO-20T SOVICO-FSO-20T Datasheet
203Kb / 1P
FASHION SPEAKER
logo
Fox Electronics
FSO-25LF FOX-FSO-25LF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
logo
Kyocera Kinseki Corpota...
FSO-2D KSS-FSO-2D Datasheet
51Kb / 1P
C-MOS Output 3.3V.
logo
Fox Electronics
FSO-2LF FOX-FSO-2LF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
FSO-2RLF FOX-FSO-2RLF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
More results

Similar Description - FSO-1D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-806 VECTRON-VC-806 Datasheet
176Kb / 7P
Ultra Low Jitter Performance
VCC6 VECTRON-VCC6_11 Datasheet
185Kb / 7P
Ultra Low Jitter Performance
logo
Micrel Semiconductor
SM802141 MICREL-SM802141 Datasheet
395Kb / 13P
Ultra-Low Jitter, LVPECL Frequency
logo
Oscilent Corporation
433 OSCILENT-433 Datasheet
134Kb / 2P
Ultra Low Jitter 1pS
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
TEMEX
RVG1490L TEMEX-RVG1490L Datasheet
722Kb / 2P
GHZ AND ULTRA-LOW JITTER
RXG1490L TEMEX-RXG1490L Datasheet
729Kb / 2P
GHZ AND ULTRA-LOW JITTER
logo
Raltron Electronics Cor...
CMC204 RALTRON-CMC204 Datasheet
707Kb / 5P
Ultra low phase jitter: 0.5ps
CMC253 RALTRON-CMC253 Datasheet
735Kb / 6P
Ultra low phase jitter: 0.5ps
CMC503 RALTRON-CMC503 Datasheet
734Kb / 6P
Ultra low phase jitter: 0.5ps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com